Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOFW311-R Datasheet(PDF) 36 Page - IDEC Corporation

Part # AOFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AOFW311-R Datasheet(HTML) 36 Page - IDEC Corporation

Back Button AOFW311-R Datasheet HTML 32Page - IDEC Corporation AOFW311-R Datasheet HTML 33Page - IDEC Corporation AOFW311-R Datasheet HTML 34Page - IDEC Corporation AOFW311-R Datasheet HTML 35Page - IDEC Corporation AOFW311-R Datasheet HTML 36Page - IDEC Corporation AOFW311-R Datasheet HTML 37Page - IDEC Corporation AOFW311-R Datasheet HTML 38Page - IDEC Corporation AOFW311-R Datasheet HTML 39Page - IDEC Corporation AOFW311-R Datasheet HTML 40Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
731
800-262-IDEC (4332) USA & Canada
ø22mm - TW Series
Switches & Pilot Devices
1904032203
Dimensions continued
Illuminated Pushbuttons
Extended
Extended with Full Shroud
Square Extended
Marking plate: ø15.5mm
Panel Thickness
1 to 6
13
19
30
Marking plate: ø15.5mm
Panel Thickness
1 to 6
30
20
30
20
13
Marking plate: 21mm
Panel Thickness
1 to 6
29mm Push-Turn-Reset
40mm Push-Turn-Reset
Mushroom
Marking plate: ø13.9mm
Reset Angle: 75
Panel Thickness
1 to 6
30
13
22.5
Marking plate: ø13.9mm
Reset Angle 75
30
13
22.5
Panel Thickness
1 to 6
Marking plate: ø13.9mm
30
13
22.5
Panel Thickness
1 to 6
Push-Pull
Marking plate: ø13.9mm
Panel Thickness
1 to 6
30
25
13
30.5
Illuminated Selector Switches
1 Contact Block with Full Voltage Adaptor
Transformer (2 blocks)
X2
X1
M3.5 Terminal Screws
Panel Thickness
1 to 6
86.5
2 Contact Blocks with Full Voltage Adaptor
Transformer (4 blocks)
X1
X2
63.5
M3.5
Terminal Screw
Panel Thickness
1 to 6mm
X2
X1
106.5
M3.5 Terminal Screws
Panel Thickness
1 to 6
3 Contact Blocks with Full Voltage Adaptor
4 Contact Blocks with Full Voltage Adaptor
68.5
M3.5
Terminal Screws
Panel Thickness
1 to 6
X1
X2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com