Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOFW311-R Datasheet(PDF) 21 Page - IDEC Corporation

Part # AOFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AOFW311-R Datasheet(HTML) 21 Page - IDEC Corporation

Back Button AOFW311-R Datasheet HTML 17Page - IDEC Corporation AOFW311-R Datasheet HTML 18Page - IDEC Corporation AOFW311-R Datasheet HTML 19Page - IDEC Corporation AOFW311-R Datasheet HTML 20Page - IDEC Corporation AOFW311-R Datasheet HTML 21Page - IDEC Corporation AOFW311-R Datasheet HTML 22Page - IDEC Corporation AOFW311-R Datasheet HTML 23Page - IDEC Corporation AOFW311-R Datasheet HTML 24Page - IDEC Corporation AOFW311-R Datasheet HTML 25Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
ø22mm - TW Series
Switches & Pilot Devices
716
www.IDEC.com
1904032203
Illuminated Selector Switches (Assembled)
Assembled Illuminated Selector Switches
A
SL
W
2
(2)
99
11
(D) – (103) – R – (24V)
Function
SL:Illuminated Selector Switch
Series Designation
W: TW series
Number of Positions
2: 2-Position
3: 3-Position
Spring Return Action
Blank: Maintained
1: Spring return from Right
2: Spring return from Left
3: Two-Way spring return from Left and Right
Illumination Circuit
99: Full Voltage (lamp determines voltage)
126: 120V AC Step Down Transformer
246: 240V AC Step Down Transformer
486: 480V AC Step Down Transformer
Lamp Voltage
(Full Voltage Units Only)
6V: 6V AC/DC
12V: 12V AC/DC
24V: 24V AC/DC
120V: 120V AC
240V: 240V AC
Lens Color Code
A: Amber
G: Green
R: Red
S: Blue
W: White
Y: Yellow
Contact Circuit Number
Standard circuits are listed on the
following pages and 720.
Lamp Type
D: LED Lamp
Contact Arrangement
10: 1NO
01: 1NC
20: 2NO
02: 2NC
40: 4NO
04: 4NC
11: 1NO-1NC
22: 2NO-2NC
1. Use only when interpreting part numbers. Do not use for developing part numbers.
2. All transformers step down to 6V (use 6V lamp).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com