Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOFW311-R Datasheet(PDF) 30 Page - IDEC Corporation

Part # AOFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AOFW311-R Datasheet(HTML) 30 Page - IDEC Corporation

Back Button AOFW311-R Datasheet HTML 26Page - IDEC Corporation AOFW311-R Datasheet HTML 27Page - IDEC Corporation AOFW311-R Datasheet HTML 28Page - IDEC Corporation AOFW311-R Datasheet HTML 29Page - IDEC Corporation AOFW311-R Datasheet HTML 30Page - IDEC Corporation AOFW311-R Datasheet HTML 31Page - IDEC Corporation AOFW311-R Datasheet HTML 32Page - IDEC Corporation AOFW311-R Datasheet HTML 33Page - IDEC Corporation AOFW311-R Datasheet HTML 34Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
725
800-262-IDEC (4332) • USA & Canada
ø22mm - TW Series
Switches & Pilot Devices
1904032203
Nameplates — TW Series
Faceplates
NWAL
NWAQL
NWAS
EMERGENCY STOP
1.13" (29mm)
1.13" (29mm)
1.76" (45mm)
Part Number
Nameplate
(blank)
NWAL-OB (black)
NWAL-OR (red)
NWAQL-OB (black)
NWAQL-OR (red)
NWAS-OB
NWAR-O
Nameplate
(engraved)
NWAL-j
NWAQL-j
NWAS-j
NWAR-27†
1. In place of j, insert either the Standard Legend Code from table below or custom engraving delimited by “ “.
2. Standard engravings are available at no charge.
3 NWAR-27 comes marked “Emergency Stop” as shown in drawing.
Standard Legend Codes
Pushbuttons
Pushbuttons/Selector Switches
Selector Switches
Legend
Code
Legend
Code
Legend
Code
Legend
Code
Legend
Code
AUTO
CLOSE
DOWN
EMERG.STOP
FAST
FORWARD
HAND
HIGH
IN
INCH
JOG
LOW
LOWER
OFF
ON
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
OPEN
OUT
RAISE
RESET
REVERSE
RUN
SLOW
START
STOP
STOP
TEST
UP
I (Int’l On)
O (Int’l Off)
EMO
116
117
118
119
120
121
122
123
124
125
126
127
150
151
152
AUTO-MAN
CLOSE-OPEN
DOWN-UP
FAST-SLOW
FOR-REV
HAND-AUTO
HIGH-LOW
JOG-RUN
LEFT-RIGHT
LOWER-RAISE
MAN-AUTO
OFF-ON
ON-OFF
OPEN-CLOSE
RAISE-LOWER
201
202
203
204
205
206
207
208
209
210
211
212
213
214
215
REV-FOR
RUN-JOG
RUN-SAFE
SAFE-RUN
SLOW-FAST
START-STOP
STOP-START
UP-DOWN
216
217
218
219
220
221
222
223
AUTO-MAN-OFF
AUTO-OFF-MAN
CLOSE-OFF-OPEN
DOWN-OFF-SLOW
FAST-OFF-SLOW
FOR-OFF-REV
LEFT-OFF-RIGHT
LOWER-OFF-RAISE
OFF-MAN-AUTO
OFF-SLOW-FAST
OFF-1-2
OPEN-OFF-CLOSE
SLOW-OFF-FAST
SUMMER-OFF-WINTER
UP-OFF-DOWN
1-OFF-2
HAND-OFF-AUTO
301
302
303
304
305
306
307
308
309
310
311
312
313
314
315
316
317
1. To order engraved nameplates, add legend code to nameplate part number.
Character height based on the number of characters and size of nameplate. Standard character size is 3/16”.
2. Nameplates with standard legends are the same list price as blank nameplates.
Nameplate Order Form on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com