Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOFW311-R Datasheet(PDF) 27 Page - IDEC Corporation

Part # AOFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AOFW311-R Datasheet(HTML) 27 Page - IDEC Corporation

Back Button AOFW311-R Datasheet HTML 23Page - IDEC Corporation AOFW311-R Datasheet HTML 24Page - IDEC Corporation AOFW311-R Datasheet HTML 25Page - IDEC Corporation AOFW311-R Datasheet HTML 26Page - IDEC Corporation AOFW311-R Datasheet HTML 27Page - IDEC Corporation AOFW311-R Datasheet HTML 28Page - IDEC Corporation AOFW311-R Datasheet HTML 29Page - IDEC Corporation AOFW311-R Datasheet HTML 30Page - IDEC Corporation AOFW311-R Datasheet HTML 31Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
ø22mm - TW Series
Switches & Pilot Devices
722
www.IDEC.com
1904032203
Contact Arrangement Chart: 3-Position Selector Switches
Style
Mounting
Position
Operator Position
Contact Block
Part Number
Description
Operator Part Number
Contact
Circuit
Number
Maintained
Spring Return
from Right
Spring Return
from Left
Two-Way
L
C
R
L
C
R
L
C
R
L
C
R
L
C
R
4NO
N/D
1
X
0
0
HW-U10-F
Knob/Lever
Key
Illuminated Knob
ASW300-1
ASW3K00-1
ASLW300-1
ASW3100-1
ASW31K00-1
ASLW3100-1
ASW3200-1
ASW32K00-1
ASLW3200-1
ASW3300-1
ASW33K00-1
ASLW3300-1
2
0
0
X
HW-U10-F
3
X
0
0
HW-U10-F
4
0
0
X
HW-U10-F
305
1
X
0
X
HW-U10-F
Knob/Lever
Key
Illuminated Knob
ASW300-2
ASW3K00-2
ASLW300-2
ASW3100-2
ASW31K00-2
ASLW3100-2
ASW3200-2
ASW32K00-2
ASLW3200-2
ASW3300-2
ASW33K00-2
ASLW3300-2
2
0
0
X
HW-U10-F
3
X
0
X
HW-U10-F
4
0
0
X
HW-U10-F
4NC
N/D
1
0
X
X
HW-U01-F
Knob/Lever
Key
Illuminated Knob
ASW300-1
ASW3K00-1
ASLW300-1
ASW3100-1
ASW31K00-1
ASLW3100-1
ASW3200-1
ASW32K00-1
ASLW3200-1
ASW3300-1
ASW33K00-1
ASLW3300-1
2
X
X
0
HW-U01-F
3
0
X
X
HW-U01-F
4
X
X
O
HW-U01-F
314
1
0
X
O
HW-U01-F
Knob/Lever
Key
Illuminated Knob
ASW300-2
ASW3K00-2
ASLW300-2
ASW3100-2
ASW31K00-2
ASLW3100-2
ASW3200-2
ASW32K00-2
ASLW3200-2
ASW3300-2
ASW33K00-2
ASLW3300-2
2
X
X
0
HW-U01-F
3
0
X
O
HW-U01-F
4
X
X
0
HW-U01-F
1. Each operator sub-assembly is available as a “-1” and a “-2” for 3-position selector switches. The internal cam of a “-1” is different from that of a “-2”. This results in designated combinations of open
and closed contacts in the various operator positions.
2. N/D = No circuit number designation required in assembled part number.
3. X = On (closed contacts) O = Off (open contacts). X-X Overlapping contacts remain on (closed) when switch is moved between these two positions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com