Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOFW311-R Datasheet(PDF) 5 Page - IDEC Corporation

Part # AOFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AOFW311-R Datasheet(HTML) 5 Page - IDEC Corporation

  AOFW311-R Datasheet HTML 1Page - IDEC Corporation AOFW311-R Datasheet HTML 2Page - IDEC Corporation AOFW311-R Datasheet HTML 3Page - IDEC Corporation AOFW311-R Datasheet HTML 4Page - IDEC Corporation AOFW311-R Datasheet HTML 5Page - IDEC Corporation AOFW311-R Datasheet HTML 6Page - IDEC Corporation AOFW311-R Datasheet HTML 7Page - IDEC Corporation AOFW311-R Datasheet HTML 8Page - IDEC Corporation AOFW311-R Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
ø22mm - TW Series
Switches & Pilot Devices
700
www.IDEC.com
1904032203
Non-Illuminated Pushbuttons (Sub-Assembled)
Contact Blocks
+
Operator
+
Button
=
Complete Part
Operators
Style
Part Number
Momentary Maintained
Round Flush/Extended
ABW-100
AOW-100
Round with Full
Shroud/Recessed
ABFW-200
AOFW-200
Ø 40mm, Ø 29mm
Mushroom Head
ABW-300
AOW-300
Ø 40mm Mushroom
Head with Full Shroud
ABGW-400
AOGW-400
Square Flush/Extended
ABQW-100
AOQW-100
Keylock Push On/Off
—
AKW-200
Buttons
Style
Part Number
Round Flush
ABW1B-j
Round Extended
ABW2B-j
Ø 29mm Mushroom
ABW3B-j
Ø 40mm Mushroom
ABW4B-j
Square Flush
ABQW1B-j
Square Extended
ABQW2B-j
In place of j specify the button color code from table
Contact Blocks
Style
Contacts
1NO
1NC
Finger-
Safe
Spring-Up
Terminal
HW-U10-F
HW-U01-F
HW-U10R-F
(early make)
HW-U01R-F
(late break)
Dummy
Block
HW-DB
1. Dummy blocks (no contacts) are used with an odd
number of contact blocks.
2. Use of early and late break contacts creates a make
before break function
j
Button Color Codes
Color
Code
Black
B
Green
G
Red
R
Blue
S
Yellow
Y
White
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com