Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOFW311-R Datasheet(PDF) 12 Page - IDEC Corporation

Part # AOFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AOFW311-R Datasheet(HTML) 12 Page - IDEC Corporation

Back Button AOFW311-R Datasheet HTML 8Page - IDEC Corporation AOFW311-R Datasheet HTML 9Page - IDEC Corporation AOFW311-R Datasheet HTML 10Page - IDEC Corporation AOFW311-R Datasheet HTML 11Page - IDEC Corporation AOFW311-R Datasheet HTML 12Page - IDEC Corporation AOFW311-R Datasheet HTML 13Page - IDEC Corporation AOFW311-R Datasheet HTML 14Page - IDEC Corporation AOFW311-R Datasheet HTML 15Page - IDEC Corporation AOFW311-R Datasheet HTML 16Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
707
800-262-IDEC (4332) USA & Canada
ø22mm - TW Series
Switches & Pilot Devices
1904032203
Pilot Lights (Sub-Assembled)
Transformer
+
Operator
+
Lamp
+
Lens
=
Complete Part
* Transformer not required for full voltage units.
Operators
Style
Part Number
Round Dome/Flat
APW-199
Square
UPQW-199
Same operator is used for full voltage as for
transformer completed units.
Lenses
Style
Part Number
Standard
Engravable
Dome
APW2LU-k
Round Flat
APW1LU-k
APW1BLU-k
Square Flat
APQW1BLU-k
1. In place of k, specify the Lens Color Code from table.
2. Standard lenses have a ribbed lens to enhance light
dispersion. Marking lenses are smooth and include an
engravable insert.
Lamps
Style
Voltage
Part Number
LED
6V AC/DC
LSTD-6k
12V AC/DC
LSTD-1k
24V AC/DC
LSTD-2k
120V AC
LSTD-H2k
240V AC
LSTD-M4k
1. In place of k, specify the LED color code.
2. The LED contains a current-limiting resistor and a
protection diode.
3. Yellow LED not available. Use white LED.
Transformers
Style
Description
Part Number
Finger-Safe
120V AC
TW-F126B
240V AC
TW-F246B
480V AC
TW-F486B
All Transformers step down to 6V (use 6V LED).
k
LED/Lens Color Codes
Color
Code
Amber
A
Green
G
Red
R
Blue
S
White
W
Yellow
Y
If clear lens is desired, use
white marking lens and
remove engraving insert



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com