Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOFW311-R Datasheet(PDF) 31 Page - IDEC Corporation

Part # AOFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AOFW311-R Datasheet(HTML) 31 Page - IDEC Corporation

Back Button AOFW311-R Datasheet HTML 27Page - IDEC Corporation AOFW311-R Datasheet HTML 28Page - IDEC Corporation AOFW311-R Datasheet HTML 29Page - IDEC Corporation AOFW311-R Datasheet HTML 30Page - IDEC Corporation AOFW311-R Datasheet HTML 31Page - IDEC Corporation AOFW311-R Datasheet HTML 32Page - IDEC Corporation AOFW311-R Datasheet HTML 33Page - IDEC Corporation AOFW311-R Datasheet HTML 34Page - IDEC Corporation AOFW311-R Datasheet HTML 35Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
ø22mm - TW Series
Switches & Pilot Devices
726
www.IDEC.com
1904032203
Custom Engraved Nameplates Order Form — TW Series
Copy this order form and use it to specify Letter Height, Custom Engravings, Location of Engraving on Nameplate, and Quantity Desired.
To ensure engraving accuracy, fax it to your IDEC representative. or Distributor.
Your Company Name: _________________________________________
Your Name: _________________________________________
Telephone: _________________________________________
Fax & Email: _________________________________________
IDEC Rep/Distributor Contact: _________________________________
PO number (if known): _________________________________
IDEC Rep/Distributor Phone: _________________________________
IDEC Rep/Distributor Fax & Email: _________________________________
NWAL
Engraving
Location
Step 1.
Choose Letter Size - 7/64” or 1/8”.
Check the box for the letter size you
want. Then write your lettering in box
below checkboxes. Note: 1/8” size
letters cannot exceed 9 characters.
Step 2.
Specify Quantity.
Qty
Enter the number of
nameplates desired
in the box on the right.
7/64”
Letter Size
11 characters max
(for 7/64” size letters)
Sample Letter Sizes
7/64” Letters:
1/8” Letters:
1/8”
Letter Size
9 characters max
(for 1/8” size letters)
1 2 3 4 5 6 7 8 9 10 11
NWAQL
Engraving
Location
Step 1.
Choose Letter Size - 7/64” or 1/8”.
Check the box for the letter size you
want. Then write your lettering in box
below checkboxes. Note: 1/8” size
letters cannot exceed 9 characters.
Step 2.
Specify Quantity.
Qty
Enter the number of
nameplates desired
in the box on the right.
7/64”
Letter Size
11 characters max
(for 7/64” size letters)
Sample Letter Sizes
7/64” Letters:
1/8” Letters:
1/8”
Letter Size
9 characters max
(for 1/8” size letters)
1 2 3 4 5 6 7 8 9 10 11
NWAS
Engraving Location
A
Engraving Location
B
Step 1.
Choose Letter Size - 1/8” or
3/32”.
Check the box for the letter
size you want. Then write
your lettering in box below
checkboxes. Note: 1/8” size
letters cannot exceed 14
characters.
3/32”
Letter Size
20 characters max
(for 3/32” size letters)
1/8”
Letter Size
14 characters max
(for 1/8” size letters)
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Step 2.
Specify Quantity.
Qty
Enter the number of
nameplates desired
in the box on the right.
Step 3.
Specify Location.
Location
Enter the location of
engraving (A or B), in
the box on the right.
Sample Letter Sizes
3/32” Letters:
1/8” Letters:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com