Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOFW311-R Datasheet(PDF) 32 Page - IDEC Corporation

Part # AOFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AOFW311-R Datasheet(HTML) 32 Page - IDEC Corporation

Back Button AOFW311-R Datasheet HTML 28Page - IDEC Corporation AOFW311-R Datasheet HTML 29Page - IDEC Corporation AOFW311-R Datasheet HTML 30Page - IDEC Corporation AOFW311-R Datasheet HTML 31Page - IDEC Corporation AOFW311-R Datasheet HTML 32Page - IDEC Corporation AOFW311-R Datasheet HTML 33Page - IDEC Corporation AOFW311-R Datasheet HTML 34Page - IDEC Corporation AOFW311-R Datasheet HTML 35Page - IDEC Corporation AOFW311-R Datasheet HTML 36Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
727
800-262-IDEC (4332) • USA & Canada
ø22mm - TW Series
Switches & Pilot Devices
1904032203
Switch Engraving Order Form – TW Series
Copy this order form and use it to specify Letter Height, Maximum Number of Lines and Text to be engraved.
To ensure engraving accuracy, fax it to your IDEC representative or Distributor.
Your Company:
Telephone:
Name:
Fax:
Address:
Email:
PO:
Part Number to be Engraved:
Please check one of the boxes below to indicate your choice of engraving options:
Square
Switch
Round
Switch
ø29mm, ø40mm Mushroom Head
Engraving
Area 1
Engraving
Area 2†
# of Lines
Letter
Height
Max. Characters
Per Line
# of
Lines
Letter
Height
Max. Characters
Per Line
# of
Lines
Letter
Height
Max. Characters
Per Line
1
5/32
6
1
5/32
5
Engraving
Area 1
1
5/32
5
1/8
6
1/8
6
1/8
5
2
5/32
6
2
5/32
5
Engraving
Area 2
1
5/32
7
1/8
5
1/8
6
1/8
7
3
1/8
6
3
1/8
5
4
3/32
5
4
3/32
5
1. Above mentioned specifications hold true for standard size pushbuttons (round and square).
2. †Engraving Area 2 can be engraved for 40mm mushroom Head non-Illuminated push button only.
3. Engraving is done on the button itself for non-Illuminated push buttons and on marking plate for illuminated push buttons and pilot lights.
4. Please enter text exactly how you want it engraved, take care to emphasize capital or small letters.
Enter text to be engraved:
Line 1:
Line 2:
Line 3:
Line 4:
Sample Letter Sizes
1/8 Letters:
5/32 Letters:
For IDEC Internal Use Only:
Work Order #:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com