Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04KC Datasheet(PDF) 105 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 105 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 101Page - STMicroelectronics ST25DV04KC Datasheet HTML 102Page - STMicroelectronics ST25DV04KC Datasheet HTML 103Page - STMicroelectronics ST25DV04KC Datasheet HTML 104Page - STMicroelectronics ST25DV04KC Datasheet HTML 105Page - STMicroelectronics ST25DV04KC Datasheet HTML 106Page - STMicroelectronics ST25DV04KC Datasheet HTML 107Page - STMicroelectronics ST25DV04KC Datasheet HTML 108Page - STMicroelectronics ST25DV04KC Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 203 page
background image
Table 153. Lock AFI response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set
–
03h: command option is not supported
–
0Fh: error with no information given
–
11h: the specified block is already locked and thus cannot be locked again
–
14h: the specified block was not successfully locked
Figure 54. Lock AFI frame exchange between VCD and ST25DVxxKC
SOF
Lock AFI
request
VCD
EOF
ST25DVxxKC
t1
SOF
Lock AFI
response
EOF
SOF
EOF
ST25DVxxKC
Wt
Lock sequence
when error
Lock AFI
response
7.6.20
Write DSFID
On receiving the Write DSFID request, the ST25DVxxKC programs the 8-bit DSFID value to its memory. When
the Option_flag is set, wait for EOF to respond.
The Inventory_flag must be set to 0.
During the RF write cycle Wt, there should be no modulation (neither 100% nor 10%), otherwise the
ST25DVxxKC may not write correctly the DSFID value in memory. The Wt time is equal to t1nom + N × 302
µs (N is an integer).
Table 154. Write DSFID request format
Request SOF
Request_flags
Write DSFID
UID (1)
DSFID
CRC16
Request EOF
-
8 bits
29h
64 bits
8 bits
16 bits
-
1. This field is optional.
Request parameter:
•
Request flags
•
UID (optional)
•
DSFID
Table 155. Write DSFID response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 105/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com