Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04KC Datasheet(PDF) 108 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 108 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 104Page - STMicroelectronics ST25DV04KC Datasheet HTML 105Page - STMicroelectronics ST25DV04KC Datasheet HTML 106Page - STMicroelectronics ST25DV04KC Datasheet HTML 107Page - STMicroelectronics ST25DV04KC Datasheet HTML 108Page - STMicroelectronics ST25DV04KC Datasheet HTML 109Page - STMicroelectronics ST25DV04KC Datasheet HTML 110Page - STMicroelectronics ST25DV04KC Datasheet HTML 111Page - STMicroelectronics ST25DV04KC Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 203 page
background image
7.6.22
Get System Info
When receiving the Get System Info command, the ST25DVxxKC sends back its information data in the
response.
The Option_flag is not supported. The Inventory_flag must be set to 0. The Get System Info can be issued in both
Addressed and Non Addressed modes.
Table 160. Get System Info request format
Request SOF
Request_flags
Get System Info
UID (1)
CRC16
Request EOF
-
8 bits
2Bh
64 bits
16 bits
-
1. This field is optional.
Request parameter:
•
Request flags
•
UID (optional)
Table 161. Get System Info response format Error_flag is NOT set
Device
Response
SOF
Response
flags
Information
flags
UID DSFID AFI
Mem.
Size
IC ref. CRC16
Response
EOF
ST25DV16KC
ST25DV64KC -
00h
0Bh
64
bits
8
bits
8
bits
NA (1)
51h
16
bits
-
ST25DV04KC
0Fh
037Fh
50h
1. Field not present in this configuration
Response parameters:
•
Information flags set to 0Bh/0Fh. DSFID, AFI and IC reference fields are present.
•
UID code on 64 bits
•
DSFID value
•
AFI value
•
MemSize: Block size in bytes and memory size in number of blocks (only present for ST25DV04KC
configurations)
Table 162. Memory size
MSB
LSB
16
14 13
9 8
1
RFU
Block size in byte
Number of blocks
0h
03h
7Fh
•
ST25DVxxKC IC reference: the 8 bits are significant.
Table 163. Get System Info response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
01h
8 bits
16 bits
-
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 108/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com