Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04KC Datasheet(PDF) 114 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 114 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 110Page - STMicroelectronics ST25DV04KC Datasheet HTML 111Page - STMicroelectronics ST25DV04KC Datasheet HTML 112Page - STMicroelectronics ST25DV04KC Datasheet HTML 113Page - STMicroelectronics ST25DV04KC Datasheet HTML 114Page - STMicroelectronics ST25DV04KC Datasheet HTML 115Page - STMicroelectronics ST25DV04KC Datasheet HTML 116Page - STMicroelectronics ST25DV04KC Datasheet HTML 117Page - STMicroelectronics ST25DV04KC Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 203 page
background image
Table 176. Get Multiple Block Security Status request format
Request SOF Request_flags
Get Multiple Block
Security Status
UID (1)
First block
number
Number of
blocks
CRC16 Request EOF
-
8 bits
2Ch
64 bits 8 bits
8 bits
16 bits
-
1. This field is optional.
Request parameter:
•
Request flags
•
UID (optional)
•
First block number
•
Number of blocks
Table 177. Get Multiple Block Security Status response format when Error_flag is NOT set
Response SOF
Response_flags
Block security status
CRC16
Response EOF
-
8 bits
8 bits (1)
16 bits
-
1. Repeated as needed.
Response parameters:
•
Block security status
Table 178. Block security status
b7
b6
b5
b4
b3
b2
b1
b0
Reserved for future use
All at 0
0: Current block not locked
1: Current block locked
Table 179. Get Multiple Block Security Status response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
03h: the option is not supported
–
0Fh: error with no information given
–
10h: the specified block is not available
Figure 59. Get Multiple Block Security Status frame exchange between VCD and
SOF
Get Multiple Block
Security request
status
VCD
ST25DVxxKC
EOF
SOF
Get Multiple Block
Security response
status
EOF
t1
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 114/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com