Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04KC Datasheet(PDF) 118 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 118 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 114Page - STMicroelectronics ST25DV04KC Datasheet HTML 115Page - STMicroelectronics ST25DV04KC Datasheet HTML 116Page - STMicroelectronics ST25DV04KC Datasheet HTML 117Page - STMicroelectronics ST25DV04KC Datasheet HTML 118Page - STMicroelectronics ST25DV04KC Datasheet HTML 119Page - STMicroelectronics ST25DV04KC Datasheet HTML 120Page - STMicroelectronics ST25DV04KC Datasheet HTML 121Page - STMicroelectronics ST25DV04KC Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 203 page
background image
7.6.27
Write Configuration
The Write Configuration command is used to write static system configuration register. The Write Configuration
must be preceded by a valid presentation of the RF configuration password (00) to open the RF configuration
security session.
On receiving the Write Configuration command, the ST25DVxxKC writes the data contained in the request to the
system configuration register at the Pointer address and reports whether the write operation was successful in the
response or not.
When the Option_flag is set, wait for EOF to respond. The Inventory_flag is not supported.
During the RF write cycle Wt, there should be no modulation (neither 100% nor 10%), otherwise the
ST25DVxxKC may not program correctly the data into the Configuration byte. The Wt time is equal to t1nom
+ N × 302 µs (N is an integer).
Table 187. Write Configuration request format
Request
SOF
Request_flags
Write
Configuration
IC Mfg
code
UID (1) Pointer
Register
value(2)
CRC16
Request
EOF
-
8 bits
A1h
02h
64 bits 8 bits
8 bits
16 bits
-
1. This field is optional.
2. Before updating the register value, check the meaning of each bit in previous sections.
Request parameters:
•
Request flags
•
Register pointer
•
Register value
•
UID (optional)
Table 188. Write Configuration response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Note:
Please refer to Table 13. System configuration memory map for details on register addresses.
Response parameter:
•
No parameter. The response is sent back after the writing cycle.
Table 189. Write configuration response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
02h: command not recognized
–
03h: command option is not supported
–
0Fh: error with no information given
–
10h: block not available
–
12h: block already locked, content can't change
–
13h: the specified block was not successfully programmed
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 118/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com