Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04KC Datasheet(PDF) 145 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 145 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 141Page - STMicroelectronics ST25DV04KC Datasheet HTML 142Page - STMicroelectronics ST25DV04KC Datasheet HTML 143Page - STMicroelectronics ST25DV04KC Datasheet HTML 144Page - STMicroelectronics ST25DV04KC Datasheet HTML 145Page - STMicroelectronics ST25DV04KC Datasheet HTML 146Page - STMicroelectronics ST25DV04KC Datasheet HTML 147Page - STMicroelectronics ST25DV04KC Datasheet HTML 148Page - STMicroelectronics ST25DV04KC Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 203 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
ICC0_MB
Operating Supply current (Device
select MB Address) Write(1)
VCC = 3.3 V, fC = 1MHz
(rise/fall time < 50 ns)
µA
-
290
320
VCC = 5.5 V, fC = 1MHz
(rise/fall time < 50 ns)
-
520
600
ICC1
(LPD = 1)
Low power down supply current
VCC = 1.8 V
-
2.5
5
μA
VCC = 3.3 V
-
3
6
VCC = 5.5 V
-
4
7
ICC1_PON
(LPD = 0)
Static Standby supply current after
power ON or device select stop or
time out
VCC = 1.8 V
-
78
110
µA
VCC = 3.3 V
-
82
110
VCC = 5.5 V
-
95
130
VIL
Input low voltage (SDA, SCL)
VCC = 1.8 V
-0.45
-
0.25 VCC
V
VCC = 3.3 V
-0.45
-
0.3 VCC
VCC = 5.5 V
-0.45
-
0.3 VCC
VIL_LPD
Input low voltage (LPD)
VCC = 3.3 V
-0.45
-
0.2 VCC
V
VIH
Input high voltage (SDA, SCL)
VCC = 1.8 V
0.75 VCC
-
VCC+1
V
VCC = 3.3 V
0.75 VCC
-
VCC+1
VCC = 5.5 V
0.75 VCC
-
VCC+1
VIH_LPD
Input high voltage (LPD)
VCC = 1.8 V
0.85
VCC+1
-
VCC+1
V
VCC = 3.3 V
0.85
VCC+1
-
VCC+1
VCC = 5.5 V
0.85
VCC+1
-
VCC+1
VOL_SDA
Output low voltage SDA (1 MHz)
IOL = 1 mA, VCC = 1.8 V
-
0.05
0.4
V
IOL = 2.1 mA, VCC = 3.3 V
-
0.08
0.4
IOL = 3 mA, VCC = 5.5 V
-
0.1
0.4
VCC_Power_up
Device Select Acknowledge
fC = 100 KHz(2)
-
1.48
1.7
V
1. SCL, SDA connected to Ground or VCC. SDA connected to VCC through a pull-up resistor.
2. Evaluated by Characterization – Not tested in production.
ST25DV04KC ST25DV16KC ST25DV64KC
I2C DC and AC parameters
DS13519 - Rev 3
page 145/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com