Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04KC Datasheet(PDF) 146 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 146 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 142Page - STMicroelectronics ST25DV04KC Datasheet HTML 143Page - STMicroelectronics ST25DV04KC Datasheet HTML 144Page - STMicroelectronics ST25DV04KC Datasheet HTML 145Page - STMicroelectronics ST25DV04KC Datasheet HTML 146Page - STMicroelectronics ST25DV04KC Datasheet HTML 147Page - STMicroelectronics ST25DV04KC Datasheet HTML 148Page - STMicroelectronics ST25DV04KC Datasheet HTML 149Page - STMicroelectronics ST25DV04KC Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 203 page
background image
Table 251. I2C AC characteristics up to 85 °C
Test conditions specified in Table 246. I2C operating conditions
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCL
Clock frequency
0.05
1000
kHz
tCHCL
tHIGH
Clock pulse width high(1)
0.26
25000(2)
µs
tCLCH
tLOW
Clock pulse width low(1)
0.5
25000 (3)
µs
tSTART_OUT
-
I²C timeout on Start condition(1)
35
-
ms
tXH1XH2
tR
Input signal rise time(1)
-(4)
-(4)
ns
tXL1XL2
tF
Input signal fall time(1)
- (4)
-(4)
ns
tDL1DL2
tF
SDA (out) fall time(1)
20
120
ns
tDXCX
tSU:DAT
Data in set up time(1)
0
-
ns
tCLDX
tHD:DAT
Data in hold time
0
-
ns
tCLQX
tDH
Data out hold time(5)
100
-
ns
tCLQV
tAA
Clock low to next data valid (access time)(6)
-
450
ns
tCHDX
tSU:STA
Start condition set up time(7)
250
-
ns
tDLCL
tHD:STA
Start condition hold time
0.25
35000(8)
µs
tCHDH
tSU:STO
Stop condition set up time
250
-
ns
tDHDL
tBUF
Time between Stop condition and next Start
condition
1400
-
ns
tW
-
I²C write time (9)
-
5
ms
tbootDC
-
RF OFF and LPD = 0(1)
-
0.6
ms
tbootLPD
-
RF OFF(1)
-
0.6
ms
1. Evaluated by Characterization – Not tested in production.
2. tCHCL timeout.
3. tCLCH timeout.
4. There is no min. or max. values for the input signal rise and fall times. It is however recommended by the
I2C specification that the input signal rise and fall times be less than 120 ns when fC < 1 MHz.
5. To avoid spurious Start and Stop conditions, a minimum delay is placed between SCL=1 and the falling or
rising edge of SDA.
6. tCLQV is the time (from the falling edge of SCL) required by the SDA bus line to reach 0.8VCC in a
compatible way with the I2C specification (which specifies tSU:DAT (min) = 100 ns), assuming that the
Rbus × Cbus time constant is less than 150 ns (as specified in the Figure 82. I2C Fast mode (fC = 1 MHz):
maximum Rbus value versus bus parasitic capacitance (Cbus).
7. For a reStart condition, or following a write cycle.
8. tDLCL timeout
9. I2C write time for 1 Byte, up to 16 Bytes in EEPROM (user memory) provided they are all located in the
same memory row, that is the most significant memory address bits (b16-b4) are the same.
ST25DV04KC ST25DV16KC ST25DV64KC
I2C DC and AC parameters
DS13519 - Rev 3
page 146/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com