Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 119 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 119 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 115Page - STMicroelectronics ST25DV04K Datasheet HTML 116Page - STMicroelectronics ST25DV04K Datasheet HTML 117Page - STMicroelectronics ST25DV04K Datasheet HTML 118Page - STMicroelectronics ST25DV04K Datasheet HTML 119Page - STMicroelectronics ST25DV04K Datasheet HTML 120Page - STMicroelectronics ST25DV04K Datasheet HTML 121Page - STMicroelectronics ST25DV04K Datasheet HTML 122Page - STMicroelectronics ST25DV04K Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 200 page
background image
Table 195. ManageGPO response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Response parameter:
•
No parameter. The response is sent back after the write cycle.
Table 196. ManageGPO response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
02h: command not recognized
–
13h: the specified block was not successfully programmed (this error is generated if the ManageCPO
GPOVAL value is not in line with the GPO interrupts setting as specified in Table 194. GPOVAL)
Figure 59. Manage GPO frame exchange between VCD and ST25DVxxx
SOF
ManageGPO
request
VCD
EOF
ST25DVxxx
t1
SOF
ManageGPO
response
EOF
7.6.31
Write Message
On receiving the Write Message command, the ST25DVxxx puts the data contained in the request into the
Mailbox buffer, update the MB_LEN_Dyn register, and set bit RF_PUT_MSG in MB_CTRL_Dyn register. It then
reports if the write operation was successful in the response. The ST25DVxxx Mailbox contains up to 256 data
bytes which are filled from the first location '00'. MSGlength parameter of the command is the number of Data
bytes minus - 1 (00 for 1 byte of data, FFh for 256 bytes of data). Write Message could be executed only when
Mailbox is accessible by RF (fast transfer mode is enabled, previous RF message was read or time-out occurs,
no I2C message to be read). User can check it by reading b1 of MB_CTRL_Dyn “HOST_PUT_MSG” which must
be reset to “0”. The Option_flag is not supported. (refer to Section 5.1 Fast transfer mode (FTM))
Table 197. Write Message request format
Request
SOF
Request_
flags
Write
Message
IC Mfg
code
UID (1) MSGLength
Message
Data
CRC16
Request
EOF
-
8 bits
AAh
02h
64 bits 1 byte
(MSGLength + 1)
bytes
16 bits
-
1. This field is optional.
Request parameters:
•
Request flags
•
UID (optional)
•
Message Length
•
Message Data
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 9
page 119/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com