Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 122 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 122 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 118Page - STMicroelectronics ST25DV04K Datasheet HTML 119Page - STMicroelectronics ST25DV04K Datasheet HTML 120Page - STMicroelectronics ST25DV04K Datasheet HTML 121Page - STMicroelectronics ST25DV04K Datasheet HTML 122Page - STMicroelectronics ST25DV04K Datasheet HTML 123Page - STMicroelectronics ST25DV04K Datasheet HTML 124Page - STMicroelectronics ST25DV04K Datasheet HTML 125Page - STMicroelectronics ST25DV04K Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 200 page
background image
•
Pointer (start at 00h)
•
Number of bytes is one less then the requested data
Table 204. Read Message response format when Error_flag is NOT set
Response SOF
Response_flags
Mailbox content
CRC16
Response EOF
-
8 bits
(Number of bytes + 1) bytes (1)
16 bits
-
1. Number of message Bytes when Number of Bytes is set to 00h.
Response parameters:
•
(number of data + 1 ) data bytes
Response parameter:
•
Error code as Error_flag is set:
–
02h: command not recognized
–
03h: command option not supported
–
0Fh: error with no information given
Figure 62. Read Message frame exchange between VCD and ST25DVxxx
SOF
Read Message
request
VCD
ST25DVxxx
EOF
SOF
Read Message
response
EOF
t1
7.6.34
Fast Read Message
On receiving the Fast Read Message command, the ST25DVxxx reads up to 256 byte in the Mailbox from the
location specified by MBpointer and sends back their value in the response. First MailBox location is '00’. When
Number of bytes is set to 00h and MBPointer is equals to 00h, the MB_LEN bytes of the full message are
returned. Otherwise, Fast Read Message command returns (Number of Bytes + 1) bytes (i.e. 01h returns 2 bytes,
FFh returns 256 bytes).
An error is reported if (Pointer + Nb of bytes + 1) is greater than the message length..
RF Reading of the last byte of mailbox message automatically clears b1 of MB_CTRL_Dyn “HOST_PUT_MSG”
and allows RF to put a new message.
The data rate of the response is multiplied by 2 compated to Read Message.
The subcarrier_flag should be set to 0, otherwise the ST25DVxxx answers with an error code. The Option_flag is
not supported, and the Inventory_flag must be set to 0.
Table 205. Fast Read Message request format
Request
SOF
Request_flags
Fast Read
Message
IC Mfg
code
UID(1) MBpointer
Number of
Bytes
CRC16
Request
EOF
-
8 bits
CCh
02h
64 bits
8 bits
8 bits
16 bits
-
1. This field is optional
Request parameters:
•
Request flag
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 9
page 122/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com