Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 126 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 126 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 122Page - STMicroelectronics ST25DV04K Datasheet HTML 123Page - STMicroelectronics ST25DV04K Datasheet HTML 124Page - STMicroelectronics ST25DV04K Datasheet HTML 125Page - STMicroelectronics ST25DV04K Datasheet HTML 126Page - STMicroelectronics ST25DV04K Datasheet HTML 127Page - STMicroelectronics ST25DV04K Datasheet HTML 128Page - STMicroelectronics ST25DV04K Datasheet HTML 129Page - STMicroelectronics ST25DV04K Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 200 page
background image
Table 212. Present Password response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
02h: command not recognized
–
03h: command option not supported
–
0Fh: the present password is incorrect
–
10h: the password number is incorrect
Figure 65. Present Password frame exchange between VCD and ST25DVxxx
SOF
Present
Password
request
VCD
ST25DVxxx
EOF
SOF
Present
Password
response
EOF
t1
7.6.37
Fast Read Single Block
On receiving the Fast Read Single Block command, the ST25DVxxx reads the requested block and sends back
its 32-bit value in the response. When the Option_flag is set, the response includes the Block Security Status. The
data rate of the response is multiplied by 2.
The subcarrier_flag should be set to 0, otherwise the ST25DVxxx answers with an error code.
The Inventory_flag must be set to 0.
Block number is coded on 1 Byte and only first 256 blocks of ST25DV16K-xx and ST25DV64K-xx can be
addressed using this command.
Table 213. Fast Read Single Block request format
Request SOF Request_flags Fast Read Single Block IC Mfg code UID (1) Block number CRC16 Request EOF
-
8 bits
C0h
02h
64 bits 8 bits
16 bits
-
1. This field is optional.
Request parameters:
•
Request flags
•
UID (optional)
•
Block number
Table 214. Fast Read Single Block response format when Error_flag is NOT set
Response SOF
Response_flags
Block security status (1)
Data
CRC16
Response EOF
-
8 bits
8 bits
32 bits
16 bits
-
1. This field is optional.
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 9
page 126/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com