Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 123 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 123 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 119Page - STMicroelectronics ST25DV04K Datasheet HTML 120Page - STMicroelectronics ST25DV04K Datasheet HTML 121Page - STMicroelectronics ST25DV04K Datasheet HTML 122Page - STMicroelectronics ST25DV04K Datasheet HTML 123Page - STMicroelectronics ST25DV04K Datasheet HTML 124Page - STMicroelectronics ST25DV04K Datasheet HTML 125Page - STMicroelectronics ST25DV04K Datasheet HTML 126Page - STMicroelectronics ST25DV04K Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 200 page
background image
•
UID (Optional)
•
Pointer (start at 00h)
•
Number of bytes is one less than the requested data
Table 206. Fast Read Message response format when Error_flag is NOT set
Response SOF
Response_flags
Mailbox content
CRC16
Response EOF
-
8 bits
(Number of bytes + 1) bytes(1)
16 bits
64 bits
1. Number of message Bytes when Number of Bytes is set to 00h
Response parameters:
•
(number of bytes + 1) data bytes
Response parameter:
•
Error code as Error_flag is set:
–
02h: command not recognized
–
03h: command option not supported
–
0Fh: error with no information given
Figure 63. Fast Read Message frame exchange between VCD and ST25DVxxx
SOF
Fast Read
Message request
VCD
ST25DVxxx
EOF
SOF
Fast Read
Message response
EOF
t1
7.6.35
Write Password
On receiving the Write Password command, the ST25DVxxx uses the data contained in the request to write
the password and reports whether the operation was successful in the response. It is possible to modify a
Password value only after issuing a valid Present password command (of the same password number). When
the Option_flag is set, wait for EOF to respond. Refer to Section 5.6 Data Protection for details on password
Management. The Inventory_flag must be set to 0.
During the RF write cycle time, Wt, there must be no modulation at all (neither 100% nor 10%), otherwise the
ST25DVxxx may not correctly program the data into the memory.
The Wt time is equal to t1nom + N × 302 µs (N is an integer). After a successful write, the new value of the
selected password is automatically activated. It is not required to present the new password value until the
ST25DVxxx power-down.
Caution:
If ST25DVxxx is powered through VCC, removing VCC during Write Password command can abort the
command. As a consequence, before writing a new password, RF user should check if VCC is ON, by reading
EH_CTRL_Dyn register bit 3 (VCC_ON), and eventually ask host to maintain or to shut down VCC, during the
Write Password command in order to avoid password corruption.
To make the application more robust, it is recommended to use addressed or selected mode during write
password operations to get the traceability of which tags/UID have been programmed
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 9
page 123/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com