Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5413 Datasheet(PDF) 33 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD5413 Datasheet HTML 29Page - Analog Devices AD5413 Datasheet HTML 30Page - Analog Devices AD5413 Datasheet HTML 31Page - Analog Devices AD5413 Datasheet HTML 32Page - Analog Devices AD5413 Datasheet HTML 33Page - Analog Devices AD5413 Datasheet HTML 34Page - Analog Devices AD5413 Datasheet HTML 35Page - Analog Devices AD5413 Datasheet HTML 36Page - Analog Devices AD5413 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
Data Sheet
AD5413
Rev. 0 | Page 33 of 49
Similar to all other status bits in the ANALOG_DIAG_RESULTS
register, assuming that the error condition is subsided, these
bits are sticky, and a 1 must be written to the bits to clear the
bits. If the error condition is still present, the flag remains high
even after a 1 is written to clear the flag.
Table 14. Comparator Supply Activation Thresholds
Supply
Lower
Threshold (V)
Nominal
Value/Range (V)
Upper
Threshold (V)
INT_AVCC
3.8
4 to 5
5.2
VLDO
2.8
3 to 3.6
3.8
REFIN
2.24
2.5
2.83
REFOUT
2.24
2.5
2.83
OUTPUT FAULT
The AD5413 has a FAULT pin that is an active low, pseudo open-
drain output that connects several AD5413 devices together to
one pull-up resistor for global fault detection. This pin is high
impedance when no faults are detected and is asserted low when
certain faults, such as an open circuit in current mode, a short
circuit in voltage mode, a CRC error, or an overtemperature
error, are detected. Table 15 shows the fault conditions that
automatically force the FAULT pin active and shows the user
maskable fault bits available via the FAULT_PIN_CONFIG
register (see Table 34). All registers contain a corresponding
FAULT pin status bit, FAULT_PIN_STATUS, that mirrors the
inverted current state of the FAULT pin.
The DIG_DIAG_STATUS bit and ANA_DIAG_STATUS bit of
the status register are used in conjunction with the FAULT pin and
the FAULT_PIN_STATUS bit to inform the user which fault
condition is causing either the FAULT pin or a FAULT_PIN_
STATUS bit to activate.
Table 15. FAULT Pin Trigger Sources.
Fault Type
Mapped to
FAULT Pin
Mask
Ability
Digital Diagnostic Faults
Oscillator Stop Detect
Yes
Yes
Calibration Memory Not Refreshed
No
N/A1
Reset Detected
No
N/A1
DAC Latch Monitor Error
Yes
Yes
Inverse DAC Check Error
Yes
Yes
Calibration Memory CRC Error
Yes
No
Invalid SPI Access
Yes
Yes
SCLK Count Error2
Yes
No
Slip Bit Error
Yes
Yes
SPI CRC Error
Yes
Yes
Analog Diagnostic Faults
Current Output Open-Circuit Error
Yes
Yes
Voltage Output Short-Circuit Error
Yes
Yes
Die Temperature Error
Yes
Yes
REFOUT Comparator Error
Yes
No
REFIN Comparator Error
Yes
No
INT_AVCC Comparator Error
Yes
No
VLDO Comparator Error
Yes
No
1 Not applicable.
2 The SCLK count error cannot be masked in the FAULT_PIN_CONFIG register.
However, the error can be excluded from the FAULT pin by enabling the
SPI_DIAG_QUIET_EN bit (Bit 3) in the GP_CONFIG1 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com