Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5413 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5413 Datasheet HTML 7Page - Analog Devices AD5413 Datasheet HTML 8Page - Analog Devices AD5413 Datasheet HTML 9Page - Analog Devices AD5413 Datasheet HTML 10Page - Analog Devices AD5413 Datasheet HTML 11Page - Analog Devices AD5413 Datasheet HTML 12Page - Analog Devices AD5413 Datasheet HTML 13Page - Analog Devices AD5413 Datasheet HTML 14Page - Analog Devices AD5413 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Data Sheet
AD5413
Rev. 0 | Page 11 of 49
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. Transient currents of up to
±150 mA do not cause silicon controlled rectifier (SCR) latch-up.
Table 4.
Parameter
Rating
AVDD1 to AGND, DGND
−0.3 V to +45 V
AVSS to AGND, DGND
−45 V to +0.3 V
AVDD1 to AVSS
−0.3 V to +55 V
AVDD2 to AGND, DGND
−0.3 V to +45 V
AVDD2 to AVSS
−0.3 V to +55 V
VLOGIC to DGND
−0.3 V to +6 V
Digital Inputs1 to DGND
−0.3 V to VLOGIC + 0.3 V or +6 V
(whichever voltage is less)
Digital Outputs2 to DGND
−0.3 V to VLOGIC + 0.3 V or +6 V
(whichever voltage is less)
REFIN, REFOUT, VLDO, CHART to AGND
−0.3 V to AVDD2 + 0.3 V or +6 V
(whichever voltage is less)
RA to AGND
−0.3 V to +4.5 V
RB to AGND
−0.3 V to +4.5 V
VIOUT to AGND
AVSS − 0.3 V or −45 V
(whichever voltage is greater)
to AVDD1 + 0.3 V or +45 V
(whichever voltage is less)
+VSENSE to AGND
±40 V
−VSENSE to AGND
±40 V
CCOMP to AGND
AVSS − 0.3 V to AVDD1 + 0.3 V
AGND, DGND to REFGND
−0.3 V to +0.3 V
Industrial TA3
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
TJ Maximum
125°C
Power Dissipation
(TJ maximum − TA)/θJA
Lead Temperature
JEDEC industry standard
Soldering
J-STD-020
1 The digital inputs are SCLK, SDI, SYNC, AD0, AD1, RESET, and LDAC.
2 The digital outputs are FAULT and SDO.
3 Power dissipated on the chip must be derated to keep the junction
temperature below 125°C.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress rating
only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum
operating conditions for extended periods may affect product
reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Close attention to
PCB thermal design is required. θJA is the junction to ambient
thermal resistance, and ΨJT is the junction to top of package
thermal resistance.
Table 5. Thermal Resistance
Package Type
θJA
ΨJT
Unit
CP-32-121
41.43
0.29
°C/W
1 Thermal impedance simulated values are based on a JEDEC 2S2P thermal
test board with thermal vias. See JEDEC JESD-51.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of
ESD-sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Charged device model (FICDM) per ANSI/ESDA/JEDEC JS-002.
Machine model (MM) per ANSI/ESD STM5.2. MM voltage
values are for characterization only.
ESD Ratings for AD5413
Table 6. AD5413, 32-Lead LFCSP
ESD Model
Withstand Threshold (V)
Class
HBM
±3000
2
FICDM
±750
2B
MM
±200
B
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com