Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5413 Datasheet(PDF) 30 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD5413 Datasheet HTML 26Page - Analog Devices AD5413 Datasheet HTML 27Page - Analog Devices AD5413 Datasheet HTML 28Page - Analog Devices AD5413 Datasheet HTML 29Page - Analog Devices AD5413 Datasheet HTML 30Page - Analog Devices AD5413 Datasheet HTML 31Page - Analog Devices AD5413 Datasheet HTML 32Page - Analog Devices AD5413 Datasheet HTML 33Page - Analog Devices AD5413 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
AD5413
Data Sheet
Rev. 0 | Page 30 of 49
Sticky Diagnostic Results Bits section for more details). Therefore,
to clear the SPI_CRC_ERR bit, write a 1 to Bit 0 of the
DIGITAL_DIAG_RESULTS register. Writing a 1 clears the
SPI_CRC_ERR bit and causes the FAULT pin to return high,
assuming that there are no other active faults. When configuring
the FAULT_PIN_CONFIG register, the user decides whether the
SPI CRC error affects the FAULT pin. See the FAULT Pin
Configuration Register section for more details. The SPI CRC
feature is used for both transmitting and receiving data packets.
SPI Interface Slip Bit
An additional slip bit enhances the interface robustness. The MSB
of the SPI frame must equal the inverse of MSB – 1 for the frame to
be considered valid. If an incorrect slip bit is detected, the data is
ignored and the SLIPBIT_ERR bit in the DIGITAL_DIAG_
RESULTS register is asserted.
SPI Interface SCLK Count Feature
An SCLK count feature is also built into the SPI diagnostics. If the
CRC is enabled, only SPI frames with exactly 32 SCLK falling edges
are accepted by the interface as a valid write. If the CRC is disabled,
SPI fames with either 24 or 32 SCLK falling edges are accepted by
the interface as a valid write. SPI frame lengths other than these
are ignored and the SCLK_COUNT_ERR flag asserts in the
DIGITAL_DIAG_RESULTS register.
Readback Modes
The AD5413 offers the following four readback modes:
Two-stage readback mode
Autostatus readback mode
Shared SYNC autostatus readback mode
Echo mode
The two-stage readback consists of a write to a dedicated
register, TWO_STAGE_READBACK_SELECT, to select the
register location to be read back. This write is followed by a no
operation (NOP) command, during which the contents of the
selected register are available on the SDO pin.
Table 11. SDO Contents for Read Operation
MSB
LSB
[D31:D30] D29
[D28:24]
[D23:D8]
[D7:D0]
0b10
FAULT
pin
status
Register
address
Data
CRC
Bits[D31:D30] = 0b10 are used for synchronization purposes
during readback.
If autostatus readback mode is selected, the status register contents
are available on the SDO line during each SPI transaction. This
feature allows the user to continuously monitor the status register
and to act quickly if a fault occurs. The AD5413 powers up with
this feature disabled. When this feature is enabled, the normal
two-stage readback feature is not available. Only the status register
is available on the SDO when autostatus readback mode is
selected. To read back other registers, disable the automatic
readback feature and then follow the two-stage readback
sequence. The automatic status readback can be re-enabled
after the register is read back.
The shared AD5413 SYNC autostatus readback is a unique
version of the autostatus readback mode used to avoid SDO bus
contention when multiple devices share the same SYNC line. See
the Shared Autostatus Readback Mode section for more details.
Echo mode behaves similarly to autostatus readback mode, except
that every second readback consists of an echo of the previous
command written to the AD5413 (see Figure 63). See the Reading
from Registers section for further details on the readback modes.
PREVIOUS
COMMAND
PREVIOUS
COMMAND
STATUS REGISTER
CONTENTS
Figure 63. SDO Contents in Echo Mode
USER DIGITAL OFFSET AND GAIN CONTROL
The AD5413 has a USER_GAIN register and a USER_OFFSET
register that trim the gain and offset errors from the entire signal
chain. The USER_GAIN register allows the user to adjust the DAC
channel gain in steps of 1 LSB. The USER_GAIN register coding is
straight binary, as shown in Table 12. The default code in the
USER_GAIN register is 0xFFFC, which results in a no gain factor
applied to the programmed output. In theory, the gain can be
tuned across the full range of the output. In practice, the
maximum recommended gain trim is approximately 50% of the
programmed range to maintain accuracy. The lower two bits,
D1 and D0, are unused and must not be written to.
Table 12. Gain Register Adjustment
Gain Adjustment Factor
D13
[D12:D3]
D2
[D1:D0]
1
1
1
1
X
16383/16384
1
1
0
X
…
…
…
…
X
2/16384
0
0
1
X
1/16384
0
0
0
X
The USER_OFFSET register allows the user to adjust the DAC
channel offset from −8192 LSBs to +8192 LSBs in steps of 1 LSB.
The USER_OFFSET register coding is straight binary, as shown
in Table 13. The default code in the USER_OFFSET register is
0x8000, which results in zero offset programmed to the output.
The lower two bits, D1 and D0, are unused and must not be
written to.
Table 13. Offset Register Adjustment
Gain Adjustment Factor
D13
[D12:D3]
D2
[D1:D0]
+8192 LSBs
1
1
1
X
+8191LSBs
1
1
0
X
…
…
…
…
X
No Adjustment (Default)
1
0
0
X
…
…
…
…
X
−8191 LSBs
0
0
1
X
−8192 LSBs
0
0
0
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com