Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5413 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 1 Page - Analog Devices

  AD5413 Datasheet HTML 1Page - Analog Devices AD5413 Datasheet HTML 2Page - Analog Devices AD5413 Datasheet HTML 3Page - Analog Devices AD5413 Datasheet HTML 4Page - Analog Devices AD5413 Datasheet HTML 5Page - Analog Devices AD5413 Datasheet HTML 6Page - Analog Devices AD5413 Datasheet HTML 7Page - Analog Devices AD5413 Datasheet HTML 8Page - Analog Devices AD5413 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Single-Channel, 14-Bit Voltage and Current
Output DAC with HART Connectivity
Data Sheet
AD5413
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
14-bit resolution and monotonicity
Voltage and current output available on a single terminal
Current output range: 0 mA to 24 mA, ±0.3% FSR TUE maximum
Output voltage range, trimmed: ±10.5 V, ±0.3% FSR TUE
Output voltage range with untrimmed overrange: ±12.6 V
(equivalent to 26% overrange at +10 V)
User-programmable offset and gain
On-chip reference
On-chip diagnostics
−40°C to +105°C temperature range
32-lead, 5 mm × 5 mm, LFCSP
APPLICATIONS
Process control
Actuator control
Channel isolated analog outputs
Programmable logic controller (PLC) and distributed control
systems (DCS) applications
HART network connectivity
GENERAL DESCRIPTION
The AD5413 is a single-channel, 14-bit voltage and current
output, digital-to-analog converter (DAC) that operates within
a power supply range from a −33 V minimum on the AVSS pin
to a +33 V maximum on the AVDD1 pin. The CHART pin enables a
highway addressable remote transducer (HART®) signal to be
ac-coupled on the current output.
The AD5413 uses a versatile, 4-wire serial peripheral interface
(SPI) that operates at clock rates of up to 50 MHz and is
compatible with standard SPI, QSPI™, MICROWIRE™, digital
signal processor (DSP), and microcontroller interface standards.
The SPI interface has an optional SPI cyclic redundancy check
(CRC). The AD5413 implements improved diagnostic features
from earlier versions of similar DACs.
PRODUCT HIGHLIGHTS
1.
14-bit performance.
2.
±0.3% FSR TUE with internal reference.
3.
Voltage or current output on the same pin.
4.
Range of diagnostic features.
COMPANION PRODUCTS
Product Family: AD5758, AD5753, AD5423, AD5422
HART Modem: AD5700, AD5700-1
External References: ADR431, ADR3425, ADR4525
Digital Isolators: ADuM141D, ADuM142D
Power: ADP1031, ADP2360, ADM6339


Similar Part No. - AD5413

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5410 AD-AD5410 Datasheet
276Kb / 29P
Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5410 AD-AD5410 Datasheet
502Kb / 20P
Low Power HART Modem
REV. A
AD5410ACPZ AD-AD5410ACPZ Datasheet
291Kb / 30P
Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
AD5410AREZ AD-AD5410AREZ Datasheet
291Kb / 30P
Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
AD5410 AD-AD5410_08 Datasheet
291Kb / 30P
Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
More results

Similar Description - AD5413

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5516 AD-AD5516 Datasheet
197Kb / 16P
16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
AD5532 AD-AD5532 Datasheet
244Kb / 16P
32-Channel, 14-Bit Voltage-Output DAC
AD5380 AD-AD5380 Datasheet
975Kb / 34P
40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
AD5755-1 AD-AD5755-1 Datasheet
939Kb / 34P
Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5757 AD-AD5757 Datasheet
909Kb / 31P
Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5516 AD-AD5516_15 Datasheet
228Kb / 16P
16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
REV. B
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
32-Channel, 14-Bit Voltage-Output DAC
REV. D
AD5758 AD-AD5758 Datasheet
2Mb / 72P
Single-Channel, 16-Bit Current and Voltage Output DAC
5/2018-Revision 0
AD5753 AD-AD5753 Datasheet
2Mb / 72P
Single-Channel, 16-Bit Current and Voltage DAC
5/2019-Revision 0
AD5770R AD-AD5770R Datasheet
2Mb / 59P
6-Channel, 14-Bit, Current Output DAC
2/2019-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com