Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5413 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5413 Datasheet HTML 11Page - Analog Devices AD5413 Datasheet HTML 12Page - Analog Devices AD5413 Datasheet HTML 13Page - Analog Devices AD5413 Datasheet HTML 14Page - Analog Devices AD5413 Datasheet HTML 15Page - Analog Devices AD5413 Datasheet HTML 16Page - Analog Devices AD5413 Datasheet HTML 17Page - Analog Devices AD5413 Datasheet HTML 18Page - Analog Devices AD5413 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
Data Sheet
AD5413
Rev. 0 | Page 15 of 49
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
0.010
–40
25
70
105
125
TEMPERATURE (°C)
AVDD1 = +15V
AVSS = –15V
1kΩ LOAD
±10.5V RANGE
Figure 13. Gain Error vs. Temperature
TEMPERATURE (°C)
–0.020
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
0.020
–40
25
70
105
125
±10.5V RANGE
AVDD1 = +15V
AVSS = –15V
1kΩ LOAD
Figure 14. Bipolar Zero Error vs. Temperature
–0.010
–0.008
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
–40
25
70
105
125
TEMPERATURE (°C)
±10.5V RANGE
AVDD1 = +15V
AVSS = –15V
1kΩ LOAD
Figure 15. Zero-Scale Error vs. Temperature
OUTPUT CURRENT (mA)
–0.0010
–0.0006
–0.0002
–0.0004
–0.0008
0.0002
0.0004
0
0.0008
0.0006
0.0010
–20
4
–4
8
–8
0
12
–12
–16
16
20
AVDD1 = +15V
AVSS = –15V
±10.5V RANGE
TA = 25°C
Figure 16. Sink and Source Capability of the Output Amplifier
–15
–10
–5
0
5
10
15
–5
0
5
10
15
TIME (μs)
AVDD1 = +15V
AVSS = –15V
±10.5V RANGE
OUTPUT UNLOADED
TA = 25°C
Figure 17. Full-Scale Positive Step
–15
–10
–5
0
5
10
15
–5
0
5
10
15
TIME (μs)
AVDD1 = +15V
AVSS = –15V
±10.5V RANGE
OUTPUT UNLOADED
TA = 25°C
Figure 18. Full-Scale Negative Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com