Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5413 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 5 Page - Analog Devices

  AD5413 Datasheet HTML 1Page - Analog Devices AD5413 Datasheet HTML 2Page - Analog Devices AD5413 Datasheet HTML 3Page - Analog Devices AD5413 Datasheet HTML 4Page - Analog Devices AD5413 Datasheet HTML 5Page - Analog Devices AD5413 Datasheet HTML 6Page - Analog Devices AD5413 Datasheet HTML 7Page - Analog Devices AD5413 Datasheet HTML 8Page - Analog Devices AD5413 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
Data Sheet
AD5413
Rev. 0 | Page 5 of 49
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CURRENT OUTPUT ACCURACY (EXTERNAL
CURRENT SETTING RESISTOR (RSET))3
Assumes ideal 13.7 kΩ resistor
TUE
−0.1
+0.1
% FSR
−0.03
+0.03
% FSR
TA = 25°C
−0.3
+0.3
% FSR
REFIN = REFOUT (internal reference)
TUE Long-Term Stability1
125
ppm FSR
Drift after 1000 hours, TJ = 150°C
Output Drift
2
5
ppm FSR/°C
INL
−0.012
+0.012
% FSR
DNL
−1
+1
LSB
Guaranteed monotonic
Zero-Scale Error
−0.05
+0.05
% FSR
Zero-Scale TC2
±0.5
ppm FSR/°C
Offset Error
−0.05
+0.05
% FSR
Offset Error TC2
±0.7
ppm FSR/°C
Gain Error
−0.05
+0.05
% FSR
Gain Error TC2
±0.3
ppm FSR/°C
Full-Scale Error
−0.05
+0.05
% FSR
Full-Scale Error TC2
±0.3
ppm FSR/°C
CURRENT OUTPUT ACCURACY
(INTERNAL RSET)3
TUE
−0.2
+0.2
% FSR
−0.37
+0.37
% FSR
REFIN = REFOUT (internal reference)
TUE Long-Term Stability1
380
ppm FSR
Drift after 1000 hours, TJ = 150°C
Output Drift
3
6
ppm FSR/°C
Output drift
INL
−0.012
+0.012
% FSR
DNL
−1
+1
LSB
Guaranteed monotonic
Zero-Scale Error
−0.05
+0.05
% FSR
Zero-Scale TC2
±0.5
ppm FSR/°C
Offset Error
−0.05
+0.05
% FSR
Offset Error TC2
±1
ppm FSR/°C
Gain Error
−0.2
+0.2
% FSR
Gain Error TC2
±3
ppm FSR/°C
Full-Scale Error
−0.2
+0.2
% FSR
Full-Scale Error TC2
±3
ppm FSR/°C
CURRENT OUTPUT CHARACTERISTICS
Headroom
2.3
V
Minimum voltage required between VIOUT
supply and AVDD1 supply
Footroom
0
V
Minimum voltage required between VIOUT
supply and AVSS supply
Resistive Load2
1000
Ω
The current output is characterized with a
maximum load of 1 kΩ, do not exceed the
headroom compliance
Output Impedance
100
MΩ
Midscale output
DC PSRR
0.1
μA/V
REFERENCE INPUT/OUTPUT
Reference Input
Reference Input Voltage4
2.5
V
For specified performance
DC Input Impedance
55
120
MΩ
Reference Output
Output Voltage
2.495
2.5
2.505
V
TA = 25°C (including drift after 1000 hours at TJ =
150°C)
Reference TC2
−12
+12
ppm/°C
Output Noise2
7
μV p-p
At 0.1 Hz to 10 Hz
Noise Spectral Density2
80
nV/√Hz
At 10 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com