Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5413 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 4 Page - Analog Devices

  AD5413 Datasheet HTML 1Page - Analog Devices AD5413 Datasheet HTML 2Page - Analog Devices AD5413 Datasheet HTML 3Page - Analog Devices AD5413 Datasheet HTML 4Page - Analog Devices AD5413 Datasheet HTML 5Page - Analog Devices AD5413 Datasheet HTML 6Page - Analog Devices AD5413 Datasheet HTML 7Page - Analog Devices AD5413 Datasheet HTML 8Page - Analog Devices AD5413 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
AD5413
Data Sheet
Rev. 0 | Page 4 of 49
SPECIFICATIONS
AVDD1 = +15 V, AVDD2 = +5 V, AVSS = −15 V, VLOGIC = +1.71 V to +5.5 V, AGND = DGND = REFGND = 0 V, REFIN = +2.5 V external,
load resistor (RLOAD) = 1 kΩ and load capacitor (CLOAD) = 220 pF for voltage output, and RLOAD = 300 Ω for current output. All specifications
at TA = −40°C to +105°C, junction temperature (TJ) < 125°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VOLTAGE OUTPUT
Statement of available ranges instead of
absolute minimum and maximum values
Output Voltage (VOUT) Range
−10.5
+10.5
V
Trimmed VOUT range
−12.6
+12.6
V
Untrimmed overrange, equivalent to 26%
overrange at 10 V
Resolution
14
Bits
VOLTAGE OUTPUT ACCURACY
Loaded and unloaded, accuracy specifications
refer to all VOUT ranges
Total Unadjusted Error (TUE)
−0.1
+0.1
% full-scale
range (FSR)
−0.03
+0.03
% FSR
TA = 25°C
−0.3
+0.3
% FSR
REFIN = REFOUT (internal reference)
TUE Long-Term Stability1
15
ppm FSR
Drift after 1000 hours, TJ = 150°C
Output Drift
0.35
1.5
ppm FSR/°C
Integral Nonlinearity (INL)
−0.012
+0.012
% FSR
Differential Nonlinearity (DNL)
−1
+1
LSB
Guaranteed monotonic
Zero-Scale Error
−0.05
+0.05
% FSR
Zero-Scale Error Temperature
Coefficient (TC)2
±0.3
ppm FSR/°C
Bipolar Zero Error
−0.05
+0.05
% FSR
Bipolar Zero Error TC2
±0.4
ppm FSR/°C
Offset Error
−0.05
+0.05
% FSR
Offset Error TC2
±0.3
ppm FSR/°C
Gain Error
−0.05
+0.05
% FSR
Gain Error TC2
±0.6
ppm FSR/°C
Full-Scale Error
−0.05
+0.05
% FSR
Full-Scale Error TC2
±0.5
ppm FSR/°C
VOLTAGE OUTPUT CHARACTERISTICS
Headroom
2
V
Minimum voltage required between VIOUT
supply and AVDD1 supply
Footroom
2
V
Minimum voltage required between VIOUT
supply and AVSS supply
Short-Circuit Current
16
mA
Load
1
kΩ
For specified performance
Capacitive Load Stability2
10
nF
2
μF
External compensation capacitor of 220 pF
connected
DC Output Impedance
7
mΩ
DC Power Supply Rejection Ratio (PSRR)
10
μV/V
VOUT and −VSENSE Common-Mode
Rejection Ratio (CMRR)
10
μV/V
Error in VOUT because of changes in −VSENSE
CURRENT OUTPUT (IOUT)
Current Output Ranges
0
24
mA
Resolution
14
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com