Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5413 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5413 Datasheet HTML 4Page - Analog Devices AD5413 Datasheet HTML 5Page - Analog Devices AD5413 Datasheet HTML 6Page - Analog Devices AD5413 Datasheet HTML 7Page - Analog Devices AD5413 Datasheet HTML 8Page - Analog Devices AD5413 Datasheet HTML 9Page - Analog Devices AD5413 Datasheet HTML 10Page - Analog Devices AD5413 Datasheet HTML 11Page - Analog Devices AD5413 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
AD5413
Data Sheet
Rev. 0 | Page 8 of 49
TIMING CHARACTERISTICS
AVDD1 = +15 V, AVDD2 = +5 V, AVSS = −15 V, VLOGIC = +1.71 V to +5.5 V, AGND = DGND = REFGND = 0 V, REFIN = +2.5 V external,
RLOAD = 1 kΩ and CLOAD = 220 pF for voltage output, and RLOAD = 300 Ω for current output. All specifications at TA = −40°C to +105°C,
TJ < 125°C, unless otherwise noted.
Table 3.
Parameter1, 2, 3
1.71 V ≤ VLOGIC < 3 V
3 V ≤ VLOGIC ≤ 5.5 V
Unit
Test Conditions/Comments
t1
33
20
ns minimum
SCLK cycle time, write operation
120
66
ns minimum
SCLK cycle time, read operation
t2
16
10
ns minimum
SCLK high time, write operation
60
33
ns minimum
SCLK high time, read operation
t3
16
10
ns minimum
SCLK low time, write operation
60
33
ns minimum
SCLK low time, read operation
t4
10
10
ns minimum
SYNC falling edge to SCLK falling edge setup time,
write operation
33
33
ns minimum
SYNC falling edge to SCLK falling edge setup time,
read operation
t5
10
10
ns minimum
24th or 32nd SCLK falling edge to SYNC rising edge
t6
500
500
ns minimum
SYNC high time (applies to all register writes outside
of those listed in this table)
1.5
1.5
μs minimum
SYNC high time (DAC_INPUT register write)
500
500
μs minimum
SYNC high time (DAC_CONFIG register write, where the
RANGE bits (Bits[3:0]) change, see the Calibration
Memory CRC section for more timing information)
t7
5
5
ns minimum
Data setup time
t8
6
6
ns minimum
Data hold time
t9
750
750
ns minimum
LDAC falling edge to SYNC rising edge
t10
1.5
1.5
μs minimum
SYNC rising edge to LDAC falling edge
t11
250
250
ns minimum
LDAC pulse width low
t12
600
600
ns
maximum
LDAC falling edge to DAC output response time, digital
slew rate control disabled
2
2
μs
maximum
LDAC falling edge to DAC output response time, digital
slew rate control enabled
t13
See the AC Performance
Characteristics section
See the AC Performance
Characteristics section
μs
maximum
DAC output settling time
t14
1.5
1.5
μs
maximum
SYNC rising edge to DAC output response time
(LDAC = 0)
t15
5
5
μs minimum
RESET pulse width low
t16
40
28
ns
maximum
SCLK rising edge to SDO valid
t17
100
100
μs minimum
RESET rising edge to first SCLK falling edge after SYNC
falling edge
1 Guaranteed by design and characterization. Not production tested.
2 All input signals are specified with rise time (tR) = fall time (tF) = 5 ns (10% to 90% of VLOGIC) and timed from a voltage level of 1.2 V.
3 See Figure 2 to Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com