Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5413 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5413 Datasheet HTML 6Page - Analog Devices AD5413 Datasheet HTML 7Page - Analog Devices AD5413 Datasheet HTML 8Page - Analog Devices AD5413 Datasheet HTML 9Page - Analog Devices AD5413 Datasheet HTML 10Page - Analog Devices AD5413 Datasheet HTML 11Page - Analog Devices AD5413 Datasheet HTML 12Page - Analog Devices AD5413 Datasheet HTML 13Page - Analog Devices AD5413 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
AD5413
Data Sheet
Rev. 0 | Page 10 of 49
SDO
DISABLED
SDI
SCLK
SYNC
SDO
12
241
D19
D17
D16
D1
D0
D11
D18
ANA
DIAG
D20
D21
FAULT
PIN
D22
D23
t7
t8
SDO
DISABLED
t16
DIG
DIAG
10
1IF ANY EXTRA FALLING EDGES ARE RECEIVED AFTER THE 24TH (OR 32ND, IF CRC IS ENABLED) SCLK, BEFORE SYNC RETURNS HIGH, SDO CLOCKS OUT 0.
Figure 4. Autostatus Readback Timing Diagram
200µA
IOL
200µA
IOH
VOH (MIN) OR
VOL (MAX)
TO OUTPUT
PIN
CL
30pF
Figure 5. Load Circuit for the SDO Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com