Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS32K148HEX0MLFT Datasheet(PDF) 99 Page - NXP Semiconductors

Part # FS32K148HEX0MLFT
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K148HEX0MLFT Datasheet(HTML) 99 Page - NXP Semiconductors

Back Button FS32K148HEX0MLFT Datasheet HTML 93Page - NXP Semiconductors FS32K148HEX0MLFT Datasheet HTML 94Page - NXP Semiconductors FS32K148HEX0MLFT Datasheet HTML 95Page - NXP Semiconductors FS32K148HEX0MLFT Datasheet HTML 96Page - NXP Semiconductors FS32K148HEX0MLFT Datasheet HTML 97Page - NXP Semiconductors FS32K148HEX0MLFT Datasheet HTML 98Page - NXP Semiconductors FS32K148HEX0MLFT Datasheet HTML 99Page - NXP Semiconductors FS32K148HEX0MLFT Datasheet HTML 100Page - NXP Semiconductors FS32K148HEX0MLFT Datasheet HTML 101Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 99 / 101 page
background image
Table 57. Revision History (continued)
Rev. No.
Date
Substantial Changes
• Added 48-pin LQFP for S32K142 and S32K144
• Added 100-pin LQFP for S32K148, along with footnote
• In Ordering information :
• Updated 'Ordering option'
• Updated note 2
• In Thermal characteristics :
• Added values for 48-pin LQFP for S32K142 and S32K144
• Added values for 100-pin LQFP for S32K148
11
27 June 2019
• In Notes: Removed note 'Technical information for the S32K148 ... '
12
04 Feb 2020
• In Notes: Added note: 'Technical information for ...'
• Added S32K14xW information throughout
• Removed "Under development" from the footnote number 6 in Figure 3.
• Updated Trace electrical specifications to clarify that the section applies only
for ETM Trace and is supported only by S32K148.
• In Table 28, added a new footnote from fosc_hi Max entry.
• Updated Figure 21 for number 8.
• In Reliability specifications, tnvmretee is changed to tnvmretee100, and added a
new row for the parameter tnvmretee10. And footnotes are updated in this topic.
13
05 April 2020
• In LVR, LVD and POR operating requirements,
• Updated table title for S32K14xW series
• Updated values for VLVR for S32K14xW series
• In Absolute maximum ratings, updated TJ for S32K14xW series
• In Thermal operating characteristics, updated TJ for S32K14xW series
• In External System Oscillator electrical specifications, added note 'Minimum
value is shown as a reference only ... ' to Vpp_EXTAL
14
10 August 2021
• In Table 45, fixed broken footnotes in symbols IDDLS and DNL.
• In Table 9,
• Changed VLVW Min from 4.19 to 4.17.
• Changed values for VLVR.
• Updated values for VLVR for S32K14xW series.
• In ESD and latch-up protection characteristics, changed the name of the
section, added footnotes in the table and removed the "Notes" column from
the table.
• In SPLL electrical specifications , moved the Typical timings to Maximum for
JACC_SPLL.
• In SPLL electrical specifications , added footnote to Maximum values of
JACC_SPLL.
• In Table 8 and Table 9, added footnote " In 3.3 V range, the VLVW is always
set since supply remains below VLVW range. Hence PMC.LVDSC2[LVWIE]
should remain cleared while device operates in 3.3 V range".
• In External System Oscillator frequency specifications updated the footnotes
for symobls fosc_hi, fec_extal and fdc_extal.
• Updated Table 56.
• In Table 11, removed TBD.
• In Ordering information , updated the ordering information figure.
• In Table 13, removed TBD for S32K14xW.
• In Table 18 and Table 20, added EXTAL pin PTB6 parameter and values for
IIN.
• In Table 13 and Table 14, removed TBD for S32K14xW
• In Table 26 removed the fERCLK entry.
• In Table 35, updated the Typical and Max values.
• In 12-bit ADC operating conditions :
• Updated Typ. and Max values for symbols CP1, CP2, CS, RSW1 and
RAD.
Revision History
S32K1xx Data Sheet, Rev. 14, 08/2021
NXP Semiconductors
99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com