Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8581 Datasheet(PDF) 37 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 41Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 94 page
background image
Product Preview
WM8581
w
PP Rev 1.0 March 2006
37
ADC FEATURES
ADC HIGH-PASS FILTER DISABLE
The ADC digital filters incorporate a digital high-pass filter. By default, this is enabled but can be
disabled by setting the ADCHPD register bit to 1. This allows the input to the ADC to be DC coupled.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R29
ADC CONTROL 1
1Dh
4
ADCHPD
0
ADC high-pass filter disable
0 = high-pass filter enabled
1 = high-pass filter disabled
Table 28 ADC Functions Register
ADC OVERSAMPLING RATE SELECT
The internal ADC signal processing operates at an oversampling rate of 128fs for all MCLK:LRCLK
ratios. The exception to this is for operation with a 128fs or 192fs master clock, where the internal
oversampling rate of the ADC is 64fs.
For ADC operation at 96kHz in 256fs or 384fs mode it is recommended that the user set the
ADCOSR bit. This changes the ADC signal processing oversampling rate from 128fs to 64fs.
Similarly, for ADC operation at 192kHz in 128fs or 192fs mode it is recommended that the user set
the ADCOSR bit to change the oversampling rate from 64fs to 32fs.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R29
ADC CONTROL 1
1Dh
3
ADCOSR
0
ADC oversample rate select
0 = 128/64x oversampling
1 = 64/32x oversampling
Table 29 ADC Functions Register
ADC MUTE
As with the DAC, each ADC channel also has a mute control bit, which mutes the inputs to the ADC.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
AMUTEL
0
ADC Mute select
0 : Normal Operation
1: mute ADC left
1
AMUTER
0
ADC Mute select
0 : Normal Operation
1: mute ADC right
R29
ADC CONTROL 1
1Dh
2
AMUTEALL
0
ADC Mute select
0 : Normal Operation
1: mute both ADC channels
Table 30 ADC Mute Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com