Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8581 Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 94 page
background image
Product Preview
WM8581
w
PP Rev 1.0 March 2006
47
The oscillator XOUT pin has one control bit as shown in Table 37.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R51
PWRDN 2
33h
0
OSCPD
0
Oscillator XOUT Power Down
0 = Power Up XOUT (crystal mode)
1 = Power Down XOUT (CMOS
clock input mode)
Table 37 Oscillator Control
PHASE-LOCKED LOOP (PLL)
The WM8581 has two on-chip phase-locked loop (PLL) circuits which can be used to synthesise two
independent clock signals (PLLACLK and PLLBCLK) from the external oscillator clock. The PLLs can be
used to:
•
Generate clocks necessary for the S/PDIF receiver to lock on to and recover S/PDIF data from an
incoming S/PDIF data stream.
•
Generate clocks which may be used to drive the MCLK and/or CLKOUT pins.
•
Generate clocks which may be used by the S/PDIF transmitter to encode and transmit a S/PDIF
data stream.
•
Generate clocks which may be used as the master clock source for the the ADC and DACs.
•
Generate clocks which may be used by the master mode clock generator to generate the BCLK
and LRCLK signals for the digital audio interfaces.
The PLLs can be enabled or disabled using the register bits shown in Table 38.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1
PLLAPD
1
R51
PWRDN 2
33h
2
PLLBPD
1
PLL Power Down Control
0 = Power Up PLL
1 = Power Down PLL
Table 38 PLL Power Down Control
The PLLs have two modes of operation:
•
PLL S/PDIF Receive Mode (Selected if S/PDIF Receiver Enabled)
In S/PDIF receive mode, PLLA is automatically controlled by the S/PDIF receiver to allow the receiver to use
PLLA to track and lock on to the incoming S/PDIF data stream. In this case, CLK1 is automatically
maintained at a constant frequency of 256fs relative to the sample rate of the recovered S/PDIF stream.
PLLB must be configured to produce CLK2, a specific reference clock for the S/PDIF receiver.
PLLACLK may be used as a 256fs or 128fs (selectable – refer to Table 43) master clock source when in
S/PDIF receiver mode. PLLBCLK is not available and must not be selected as the clock source for any
internal function when the S/PDIF receiver is enabled.
If the sample frequency of the incoming stream is changed and PLLA is forced to unlock in order to track to
the new sample frequency, the PLLACLK signal will be stopped until the S/PDIF receiver has locked to the
incoming stream at the new sample frequency. If the incoming S/PDIF stream stops, the PLLA_ N and
PLLA_K values will be frozen and the PLLACLK will continue at the frequency set by the last recovered
S/PDIF stream.
Refer to Table 39 and Table 41 for details of the registers available for configuration in this mode. Refer to
the S/PDIF Receive Mode Clocking section on page 52 for full details.
•
PLL User Mode (Selected if S/PDIF Receiver Disabled)
In user mode, the user has full control over the function and operation of both PLLA and PLLB. In this mode,
the user can accurately specify the PLL N and K multiplier values and the pre and post-scale divider values
and can hence fully control the generated clock frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com