Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8581 Datasheet(PDF) 79 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 79 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 83Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 94 page
background image
Product Preview
WM8581
w
PP Rev 1.0 March 2006
79
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
PL[3:0]
Left O/P
Right O/P
0000
Mute
Mute
0001
Left
Mute
0010
Right
Mute
0011
(L+R)/2
Mute
0100
Mute
Left
0101
Left
Left
0110
Right
Left
0111
(L+R)/2
Left
1000
Mute
Right
1001
Left
Right
1010
Right
Right
1011
(L+R)/2
Right
1100
Mute
(L+R)/2
1101
Left
(L+R)/2
1110
Right
(L+R)/2
3:0
PL[3:0]
1001
1111
(L+R)/2
(L+R)/2
6:4
DZFM[2:0]
000
Selects the source for ZFLAG
000 - All DACs Zero Flag
001 - DAC1 Zero Flag
010 - DAC2 Zero Flag
011 - DAC3 Zero Flag
100 - DAC4 Zero Flag
101 - ZFLAG = 0
110 - ZFLAG = 0
111 - ZFLAG = 0
R16
DAC
CONTROL
2
10h
7
IZD
0
Infinite zero detection circuit control and automute control
0 = Infinite zero detect automute disabled
1 = Infinite zero detect automute enabled
3:0
DEEMP[3:0]
0000
De-emphasis mode select
DEEMP[0] = 1, enable De-emphasis on DAC1
DEEMP[1] = 1, enable De-emphasis on DAC2
DEEMP[2] = 1, enable De-emphasis on DAC3
DEEMP[3] = 1, enable De-emphasis on DAC 4
R17
DAC
CONTROL
3
11h
4
DEEMPALL
0
0 = De-emphasis controlled by DEEMP[3:0]
1 = De-emphasis enabled on all DACs
R18
DAC
CONTROL
4
12h
5:0
PHASE [7:0]
11111111
Controls phase of DAC outputs
PHASE[0] = 1 inverts phase of DAC1L output
PHASE[1] = 1 inverts phase of DAC1R output
PHASE[2] = 1 inverts phase of DAC2L output
PHASE[3] = 1 inverts phase of DAC2R output
PHASE[4] = 1 inverts phase of DAC3L output
PHASE[5] = 1 inverts phase of DAC3R output
PHASE[6] = 1 inverts phase of DAC4L output
PHASE[7] = 1 inverts phase of DAC4R output
R19
DAC
CONTROL
5
13h
2:0
DMUTE[3:0]
0000
DAC channel soft mute enables
DMUTE[0] = 1, enable soft-mute on DAC1
DMUTE[1] = 1, enable soft-mute on DAC2
DMUTE[2] = 1, enable soft-mute on DAC3
DMUTE[3] = 1, enable soft-mute on DAC4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com