| Electronic Components Datasheet Search |
|
WM8581 Datasheet(PDF) 71 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8581 Datasheet(HTML) 71 Page - Wolfson Microelectronics plc |
|
71 / 94 page ![]() Product Preview WM8581 w PP Rev 1.0 March 2006 71 STATUS PINS In Hardware control mode, SDO, SWMODE and MFP8/9/10 pins provide S/PDIF status flag information. PIN FLAG DESCRIPTION SWMODE UNLOCK Indicates that the S/PDIF Clock Recovery circuit is unlocked or that the input S/PDIF signal is not present. 0 = Locked to incoming S/PDIF stream. 1 = Not locked to the incoming S/PDIF stream, or incoming stream not present. SDO NON_AUDIO Logical OR of PCM_N and AUDIO_N: PCM_N indicates that non-audio code (defined in IEC-61937) has been detected. AUDIO_N is the recovered Channel Status bit-1. MFP8 C Recovered channel-bit for current sub-frame MFP9 SFRM_CLK Indicates current sub-frame: 1 = Sub-frame A 0 = Sub-frame B MFP10 192BLK Indicates start of 192-frame block. High for duration of frame 0, low after frame 0. Table 71 Hardware Mode Status Pins DIGITAL AUDIO INTERFACE CONTROL In Hardware Control Mode, CSB and SCLK become controls to configure the Primary Audio Interface data format and word length. The configuration applies to both transmit and receive sides of the interface. Table 72 below shows the options available. CSB SCLK FORMAT & WORD LENGTH 0 0 24-bit right justified 0 1 20-bit right justified 1 0 24-bit left justified 1 1 24-bit I 2S Table 72 Audio Interface Hardware Mode Control DAC MUTE CONTROL In Hardware Control mode, the MUTE pin activates the softmute function on all the DACs. In Software Control mode, MUTE activates softmute on the DAC selected by the DZFM register (when the MPDENB bit is low). See page 34 for a detailed description of the softmute function and the other methods of activating softmute. When floating, the MUTE pin becomes an output for the ZFLAG flag. MUTE DESCRIPTION 0 Normal Operation 1 Mute DAC channels Floating MUTE is an output to indicate when Zero Detection occurs on all DACs (ZFLAG). H = detected, L = not detected. Table 73 MUTE Pin Control Options |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |