Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8581 Datasheet(PDF) 87 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 87 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 91Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 94 page
background image
Product Preview
WM8581
w
PP Rev 1.0 March 2006
87
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3
SPDIFPD
1
S/PDIF Clock Recovery PowerDown
0 = S/PDIF enabled
1 = S/PDIF disabled
4
SPDIFTXD
1
S/PDIF Transmitter powerdown
0 = S/PDIF Transmitter enabled
1 = S/PDIF Transmitter disabled
5
SPDIFRXD
1
S/PDIF Receiver powerdown
0 = S/PDIF Receiver enabled
1 = S/PDIF Receiver disabled
2:0
READMUX
[2:0]
000
Determines which status register is to be read back:
000 = Error Register
001 = Channel Status Register 1
010 = Channel Status Register 2
011 = Channel Status Register 3
100 = Channel Status Register 4
101 = Channel Status Register 5
110 = S/PDIF Status Register
3
CONTREAD
0
Continuous Read Enable.
0 = Continuous read-back mode disabled
1 = Continuous read-back mode enabled
R52
READBACK
34h
4
READEN
0
Read-back mode enable.
0 = read-back mode disabled
1 = read-back mode enabled
R53
RESET
35h
8:0
RESET
n/a
Writing to this register will apply a reset to the device registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com