Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8581 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 94 page
background image
WM8581
Product Preview
w
PP Rev 1.0 March 2006
6
PIN
NAME
TYPE
DESCRIPTION
47
VOUT3L
Analogue Output
DAC channel 3 left output
48
VOUT3R
Analogue Output
DAC channel 3 right output
Notes :
1.
Digital input pins have Schmitt trigger input buffers. Pins 32, 33, 34 are 5V tolerant.
2.
In hardware control mode, pin 30 is used for UNLOCK flag output.
3.
In hardware control mode, pin 31 is used for NON_AUDIO flag output.
MULTI-FUNCTION PINS
The WM8581 has 7 Multi-Function Input/Output pins (MFP1 etc.). The function and direction (input/output) of these pins
reconfigured using the HWMODE input pin and software register control as shown below. If HWMODE is set, the MFPs have the
function shown in column 1 of Table 1. If HWMODE is not set, and the register SAIF_EN is set, the MFPs have the function shown
in column 2. Otherwise, the GPOnOP registers determine the MFP function as shown in columns 3 and 4.
PIN NAME
HARDWARE
CONTROL MODE
FUNCTION
1
SECONDARY AUDIO
INTERFACE FUNCTION
2
S/PDIF INPUT &
INDEPENDENT
CLOCKING
3
GENERAL PURPOSE
OUTPUT FUNCTION
4
MFP1
PAIFTX_BCLK
n/a
1
PAIFTX_BCLK
2
GPO1
MFP2
ADCMCLK
n/a
1
ADCMCLK
3
GPO2
MFP3
DR1
n/a
1
SPDIFIN2
GPO3
MFP4
DR2
SAIF_DIN
SPDIFIN3
GPO4
MFP5
DR3
SAIF_DOUT
SPDIFIN4
GPO5
MFP6
DR4
SAIF_BCLK
GPO6
GPO6
MFP7
ALLPD
SAIF_LRCLK
GPO7
GPO7
Table 1 Multi-Function Pin Configuration
Notes:
1.
These pins are not used as part of the Secondary Audio Interface, so their function is that of either Column 3 or Column 4.
2.
MFP1 can by GPO1 only if ADC_CLKSEL and PAIFTXMST_CLKSEL (if in master mode) source MCLK.
3.
MFP2 can be GPO2 if neither ADC_CLKSEL, TX_CLKSEL or SAIFMST_CLKSEL (if in master mode) source ADCMCLK.
HWMODE = 1
GPIOnOP
SAIF_EN = 1
Y
Y
N
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com