Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0200 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 29Page - NXP Semiconductors MMPF0200 Datasheet HTML 30Page - NXP Semiconductors MMPF0200 Datasheet HTML 31Page - NXP Semiconductors MMPF0200 Datasheet HTML 32Page - NXP Semiconductors MMPF0200 Datasheet HTML 33Page - NXP Semiconductors MMPF0200 Datasheet HTML 34Page - NXP Semiconductors MMPF0200 Datasheet HTML 35Page - NXP Semiconductors MMPF0200 Datasheet HTML 36Page - NXP Semiconductors MMPF0200 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 115 page
background image
NXP Semiconductors
33
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
When in Standby mode, the regulator outputs the voltage programmed in its standby voltage register and will operate in the mode selected
by the SWxMODE[3:0] bits. Upon exiting Standby mode, the regulator will return to its normal switching mode and its output voltage
programmed in its voltage register.
Any regulators whose SWxOMODE bit is set to “1” will enter Sleep mode if a PWRON turn-off event occurs, and any regulator whose
SWxOMODE bit is set to “0” will be turned off. In Sleep mode, the regulator outputs the voltage programmed in its off (Sleep) voltage
register and operates in the PFM mode. The regulator will exit the Sleep mode when a turn-on event occurs. Any regulator whose
SWxOMODE bit is set to “1” will remain on and change to its normal configuration settings when exiting the Sleep state to the ON state.
Any regulator whose SWxOMODE bit is set to “0” will be powered up with the same delay in the start-up sequence as when powering On
from Off. At this point, the regulator returns to its default ON state output voltage and switch mode settings.
Table 23 shows the control bits in Sleep mode. When Sleep mode is activated by the SWxOMODE bit, the regulator will use the set point
as programmed by SW1ABOFF[5:0] for SW1A/B and by SWxOFF[6:0] for SW2 and SW3A/B.
Dynamic voltage scaling
To reduce overall power consumption, processor core voltages can be varied depending on the mode or activity level of the processor.
1. Normal operation: The output voltage is selected by I2C bits SW1AB[5:0] for SW1A/B and SWx[6:0] for SW2 and SW3A/B. A
voltage transition initiated by I2C is governed by the DVS stepping rates shown in Table 32 and Table 33.
2. Standby Mode: The output voltage can be higher, or lower than in normal operation, but is typically selected to be the lowest state
retention voltage of a given processor; it is selected by I2C bits SW1ABSTBY[5:0] for SW1A/B and by bits SWxSTBY[6:0] for SW2
and SW3A/B. Voltage transitions initiated by a Standby event are governed by the SW1ABDVSSPEED[1:0] and
SWxDVSSPEED[1:0] I2C bits shown in Table 32 and Table 33, respectively.
3. Sleep Mode: The output voltage can be higher or lower than in normal operation, but is typically selected to be the lowest state
retention voltage of a given processor; it is selected by I2C bits SW1ABOFF[5:0] for SW1A/B and by bits SWxOFF[6:0] for SW2,
and SW3A/B. Voltage transitions initiated by a turn-off event are governed by the SW1ABDVSSPEED[1:0] and
SWxDVSSPEED[1:0] I2C bits shown in Table 32 and Table 33, respectively.
Table 30, Table 31, Table 32, and Table 33 summarize the set point control and DVS time stepping applied to all regulators.
Table 30. DVS control logic for SW1A/B
STANDBY
Set Point Selected by
0
SW1AB[5:0]
1
SW1ABSTBY[5:0]
Table 31. DVS control logic for SW2 and SW3A/B
STANDBY
Set Point Selected by
0
SWx[6:0]
1
SWxSTBY[6:0]
Table 32. DVS speed selection for SW1A/B
SW1ABDVSSPEED[1:0]
Function
00
25 mV step each 2.0
μs
01 (default)
25 mV step each 4.0
μs
10
25 mV step each 8.0
μs
11
25 mV step each 16
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com