Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0200 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 63Page - NXP Semiconductors MMPF0200 Datasheet HTML 64Page - NXP Semiconductors MMPF0200 Datasheet HTML 65Page - NXP Semiconductors MMPF0200 Datasheet HTML 66Page - NXP Semiconductors MMPF0200 Datasheet HTML 67Page - NXP Semiconductors MMPF0200 Datasheet HTML 68Page - NXP Semiconductors MMPF0200 Datasheet HTML 69Page - NXP Semiconductors MMPF0200 Datasheet HTML 70Page - NXP Semiconductors MMPF0200 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 115 page
background image
NXP Semiconductors
67
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.6.4
External components
Table 85 lists the typical component values for the general purpose LDO regulators.
6.4.6.5
LDO specifications
VGEN1
Table 85. LDO external components
Regulator
Output capacitor (
μF)(56)
VGEN1
2.2
VGEN2
4.7
VGEN3
2.2
VGEN4
4.7
VGEN5
2.2
VGEN6
2.2
Notes
56.
Use X5R/X7R ceramic capacitors.
Table 86. VGEN1 electrical characteristics
All parameters are specified at Consumer TA = -40 to 85 °C and Extended Industrial TA = -40 to 105 °C, VIN = 3.6 V, VIN1 = 3.0 V,
VGEN1[3:0] = 1111, IGEN1 = 10 mA, typical external component values, unless otherwise noted. Typical values are characterized at VIN =
3.6 V, IN1 = 3.0 V, VGEN1[3:0] = 1111, IGEN1 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
VGEN1
VIN1
Operating Input Voltage
1.75
–
3.40
V
VGEN1NOM
Nominal Output Voltage
–
Table 76
–V
IGEN1
Operating Load Current
0.0
–
100
mA
VGEN1 DC
VGEN1TOL
Output Voltage Tolerance
1.75 V < VIN1 < 3.4 V
0.0 mA < IGEN1 < 100 mA
VGEN1[3:0] = 0000 to 1111
-3.0
–
3.0
%
VGEN1LOR
Load Regulation
(VGEN1 at IGEN1 = 100 mA) - (VGEN1 at IGEN1 = 0.0 mA)
For any 1.75 V < VIN1 < 3.4 V
–
0.15
–
mV/mA
VGEN1LIR
Line Regulation
(VGEN1 at VIN1 = 3.4 V) - (VGEN1 at VIN1 = 1.75 V)
For any 0.0 mA < IGEN1 < 100 mA
–
0.30
–
mV/mA
IGEN1LIM
Current Limit
IGEN1 when VGEN1 is forced to VGEN1NOM/2
122
167
200
mA
IGEN1OCP
Overcurrent Protection Threshold
IGEN1 required to cause the SCP function to disable LDO when
REGSCPEN = 1
115
–
200
mA
IGEN1Q
Quiescent Current
No load, Change in IVIN and IVIN1
When VGEN1 enabled
–14–
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com