Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0200 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 33Page - NXP Semiconductors MMPF0200 Datasheet HTML 34Page - NXP Semiconductors MMPF0200 Datasheet HTML 35Page - NXP Semiconductors MMPF0200 Datasheet HTML 36Page - NXP Semiconductors MMPF0200 Datasheet HTML 37Page - NXP Semiconductors MMPF0200 Datasheet HTML 38Page - NXP Semiconductors MMPF0200 Datasheet HTML 39Page - NXP Semiconductors MMPF0200 Datasheet HTML 40Page - NXP Semiconductors MMPF0200 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 115 page
background image
NXP Semiconductors
37
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
SW1A/B setup and control registers
SW1A/B output voltage is programmable from 0.300 to 1.875 V in steps of 25 mV. The output voltage set point is independently
programmed for Normal, Standby, and Sleep mode by setting the SW1AB[5:0], SW1ABSTBY[5:0], and SW1ABOFF[5:0] bits respectively.
Table 39 shows the output voltage coding for SW1A/B. Note: Output voltages of 0.6 V and below are not supported.
Table 40 provides a list of registers used to configure and operate SW1A/B and a detailed description on each one of these register is
provided in Table 41 through Table 45.
Table 39. SW1A/B output voltage configuration
Set point
SW1AB[5:0]
SW1ABSTBY[5:0]
SW1ABOFF[5:0]
SW1AB output (V)
Set point
SW1AB[5:0]
SW1ABSTBY[5:0]
SW1ABOFF[5:0]
SW1AB output (V)
0
000000
0.3000
32
100000
1.1000
1
000001
0.3250
33
100001
1.1250
2
000010
0.3500
34
100010
1.1500
3
000011
0.3750
35
100011
1.1750
4
000100
0.4000
36
100100
1.2000
5
000101
0.4250
37
100101
1.2250
6
000110
0.4500
38
100110
1.2500
7
000111
0.4750
39
100111
1.2750
8
001000
0.5000
40
101000
1.3000
9
001001
0.5250
41
101001
1.3250
10
001010
0.5500
42
101010
1.3500
11
001011
0.5750
43
101011
1.3750
12
001100
0.6000
44
101100
1.4000
13
001101
0.6250
45
101101
1.4250
14
001110
0.6500
46
101110
1.4500
15
001111
0.6750
47
101111
1.4750
16
010000
0.7000
48
110000
1.5000
17
010001
0.7250
49
110001
1.5250
18
010010
0.7500
50
110010
1.5500
19
010011
0.7750
51
110011
1.5750
20
010100
0.8000
52
110100
1.6000
21
010101
0.8250
53
110101
1.6250
22
010110
0.8500
54
110110
1.6500
23
010111
0.8750
55
110111
1.6750
24
011000
0.9000
56
111000
1.7000
25
011001
0.9250
57
111001
1.7250
26
011010
0.9500
58
111010
1.7500
27
011011
0.9750
59
111011
1.7750
28
011100
1.0000
60
111100
1.8000
29
011101
1.0250
61
111101
1.8250
30
011110
1.0500
62
111110
1.8500
31
011111
1.0750
63
111111
1.8750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com