Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0200 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 30Page - NXP Semiconductors MMPF0200 Datasheet HTML 31Page - NXP Semiconductors MMPF0200 Datasheet HTML 32Page - NXP Semiconductors MMPF0200 Datasheet HTML 33Page - NXP Semiconductors MMPF0200 Datasheet HTML 34Page - NXP Semiconductors MMPF0200 Datasheet HTML 35Page - NXP Semiconductors MMPF0200 Datasheet HTML 36Page - NXP Semiconductors MMPF0200 Datasheet HTML 37Page - NXP Semiconductors MMPF0200 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 115 page
background image
34
NXP Semiconductors
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
The regulators have a strong sourcing capability and sinking capability in PWM mode, therefore the fastest rising and falling slopes are
determined by the regulator in PWM mode. However, if the regulators are programmed in PFM or APS mode during a DVS transition, the
falling slope can be influenced by the load. Additionally, as the current capability in PFM mode is reduced, controlled DVS transitions in
PFM mode could be affected. Critically timed DVS transitions are best assured with PWM mode operation.
The following diagram shows the general behavior for the regulators when initiated with I2C programming, or standby control.
During the DVS period the overcurrent condition on the regulator should be masked.
Figure 10. Voltage stepping with DVS
Regulator phase clock
The SWxPHASE[1:0] bits select the phase of the regulator clock as shown in Table 34. By default, each regulator is initialized at 90 ° out
of phase with respect to each other. For example, SW1A/B is set to 0 °, SW2 is set to 90 ° and SW3A/B is set to 180 ° by default at power
up.
The SWxFREQ[1:0] register is used to set the desired switching frequency for each one of the buck regulators. Table 36 shows the
selectable options for SWxFREQ[1:0]. For each frequency, all phases will be available, this allows regulators operating at different
frequencies to have different relative switching phases. However, not all combinations are practical. For example, 2.0 MHz, 90 ° and
4.0 MHz, 180 ° are the same in terms of phasing. Table 35 shows the optimum phasing when using more than one switching frequency.
Table 33. DVS speed selection for SW2 and SW3A/B
SWxDVSSPEED[1:0]
Function
SWx[6] = 0 or SWxSTBY[6] = 0
Function
SWx[6] = 1 or SWxSTBY[6] = 1
00
25 mV step each 2.0
μs
50 mV step each 4.0
μs
01 (default)
25 mV step each 4.0
μs
50 mV step each 8.0
μs
10
25 mV step each 8.0
μs
50 mV step each 16
μs
11
25 mV step each 16
μs
50 mV step each 32
μs
Table 34. Regulator phase clock selection
SWxPHASE[1:0]
Phase of clock sent to regulator
(degrees)
00
0
01
90
10
180
11
270
Actual
Output Voltage
Example
Actual Output
Voltage
Possible
Output Voltage
Window
Internally
Controlled Steps
Output Voltage
with light Load
Initial
Set Point
Voltage
Change
Request
Internally
Controlled Steps
Output
Voltage
Requested
Set Point
Initiated by I2C Programming, Standby Control
Request for
Higher Voltage
Request for
Lower Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com