Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0200 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 41Page - NXP Semiconductors MMPF0200 Datasheet HTML 42Page - NXP Semiconductors MMPF0200 Datasheet HTML 43Page - NXP Semiconductors MMPF0200 Datasheet HTML 44Page - NXP Semiconductors MMPF0200 Datasheet HTML 45Page - NXP Semiconductors MMPF0200 Datasheet HTML 46Page - NXP Semiconductors MMPF0200 Datasheet HTML 47Page - NXP Semiconductors MMPF0200 Datasheet HTML 48Page - NXP Semiconductors MMPF0200 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 115 page
background image
NXP Semiconductors
45
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Table 51. Register SW2STBY - ADDR 0x36
Name
Bit #
R/W
Default
Description
SW2STBY
5:0
R/W
0x00
Sets the SW2 output voltage during Standby mode.
See Table 48 for all possible configurations.
SW2STBY
6
R
0x00
Sets the operating output voltage range for SW2 on
Standby mode. This bit inherits the value configured
on bit SW2[6] during OTP or TBB configuration. See
Table 48 for all possible configurations.
UNUSED
7
–
0x00
UNUSED
Table 52. Register SW2OFF - ADDR 0x37
Name
Bit #
R/W
Default
Description
SW2OFF
5:0
R/W
0x00
Sets the SW2 output voltage during Sleep mode. See
Table 48 for all possible configurations.
SW2OFF
6
R
0x00
Sets the operating output voltage range for SW2 on
Sleep mode. This bit inherits the value configured on
bit SW2[6] during OTP or TBB configuration. See
Table 48 for all possible configurations.
UNUSED
7
–
0x00
UNUSED
Table 53. Register SW2MODE - ADDR 0x38
Name
Bit #
R/W
Default
Description
SW2MODE
3:0
R/W
0x80
Sets the SW2 switching operation mode.
See Table 28 for all possible configurations.
UNUSED
4
–
0x00
UNUSED
SW2OMODE
5
R/W
0x00
Set status of SW2 when in Sleep mode
0 = OFF
1 = PFM
UNUSED
7:6
–
0x00
UNUSED
Table 54. Register SW2CONF - ADDR 0x39
Name
Bit #
R/W
Default
Description
SW2ILIM
0
R/W
0x00
SW2 current limit level selection
0 = High level current limit
1 = Low level current limit
UNUSED
1
R/W
0x00
Unused
SW2FREQ
3:2
R/W
0x00
SW2 switching frequency selector.
See Table 36.
SW2PHASE
5:4
R/W
0x00
SW2 Phase clock selection.
See Table 34.
SW2DVSSPEED
7:6
R/W
0x00
SW2 DVS speed selection.
See Table 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com