Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0200 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 76Page - NXP Semiconductors MMPF0200 Datasheet HTML 77Page - NXP Semiconductors MMPF0200 Datasheet HTML 78Page - NXP Semiconductors MMPF0200 Datasheet HTML 79Page - NXP Semiconductors MMPF0200 Datasheet HTML 80Page - NXP Semiconductors MMPF0200 Datasheet HTML 81Page - NXP Semiconductors MMPF0200 Datasheet HTML 82Page - NXP Semiconductors MMPF0200 Datasheet HTML 83Page - NXP Semiconductors MMPF0200 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 115 page
background image
80
NXP Semiconductors
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.7.1
Coin cell battery backup
The LICELL pin provides for a connection of a coin cell backup battery or a “super” capacitor. If the voltage at VIN goes below the VIN
threshold (VTL1 and VTL0), contact-bounced, or removed, the coin cell maintained logic will be powered by the voltage applied to LICELL.
The supply for internal logic and the VSNVS rail will switch over to the LICELL pin when VIN goes below VTL1 or VTL0, even in the
absence of a voltage at the LICELL pin, resulting in clearing of memory and turning off of VSNVS. When system operation below VTL1
is required, for systems not utilizing a coin cell, connect the LICELL pin to any system voltage between 1.8 and 3.0 V. A small capacitor
should be placed from LICELL to ground under all circumstances.
VSNVS AC and transient
tONSNVS
Turn-on Time (Load capacitor, 0.47
μF)
VIN > UVDET to 90% of VSNVS
VCOIN = 0.0 V, ISNVS = 5.0 μA
VSNVSVOLT[2:0] = 000 to 110
––
24
ms
(70),(71)
VSNVSOSH
Start-up Overshoot
VSNVSVOLT[2:0] = 000 to 110
ISNVS = 5.0 μA
dVIN/dt = 50 mV/μs
–40
70
mV
VSNVSLITR
Transient Line Response ISNVS = 75% of ISNVSMAX
3.2 V < VIN < 4.5 V, VSNVSVOLT[2:0] = 110
2.45 V < VIN < 4.5 V, VSNVSVOLT[2:0] = [000] - [101]
–
–
32
22
–
–
mV
VSNVSLOTR
Transient Load Response
VSNVSVOLT[2:0] = 110
3.1 V (UVDETL)< VIN ≤ 4.5 V
ISNVS = 75 to 750 μA
VSNVSVOLT[2:0] = 000 to 101
2.45 V < VIN ≤ 4.5 V
VTL0 > VIN, 1.8 V ≤ VCOIN ≤ 3.3 V
ISNVS = 40 to 400 μA
Refer to Figure 20
2.8
–
–
1.0
–
2.0
V
%
VSNVS DC, switch
VINSNVS
Operating Input voltage
Valid Coin Cell range
1.8–3.3
V
ISNVS
Operating Load Current
5.0
–
400
μA
RDSONSNVS
Internal Switch RDS(on)
VCOIN = 2.6 V
–
–
100
Ω
VTL1
VIN Threshold (VIN Powered to Coin Cell Powered)
VSNVSVOLT[2:0] = 110
2.725
2.90
3.00
V
(72)
VTH1
VIN Threshold (Coin Cell Powered to VIN Powered)
VSNVSVOLT[2:0] = 110
2.775
2.95
3.1
V
Notes
69.
For 1.8 V ISNVS limited to 100 μA for VCOIN < 2.1 V
70.
The start-up of VSNVS is not monotonic. It first rises to 1.0 V and then settles to its programmed value within the specified tR1 time.
71.
From coin cell insertion to VSNVS =1.0 V, the delay time is typically 400 ms.
72.
During crossover from VIN to LICELL, the VSNVS output voltage may drop to 2.7 V before going to the LICELL voltage. Though this is outside the
specified DC voltage level for the VDD_SNVS_IN pin of the i.MX 6, this momentary drop does not cause any malfunction. The i.MX 6’s RTC
continues to operate through the transition, and as a worst case it may switch to the internal RC oscillator for a few clock cycles before switching
back to the external crystal oscillator.
Table 95. VSNVS electrical characteristics (continued)
All parameters are specified at Consumer TA = -40 to 85 °C and Extended Industrial TA = -40 to 105 °C, VIN = 3.6 V, VSNVS = 3.0 V,
ISNVS = 5.0 μA, typical external component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VSNVS =
3.0 V, ISNVS = 5.0 μA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com