Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0200 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 70Page - NXP Semiconductors MMPF0200 Datasheet HTML 71Page - NXP Semiconductors MMPF0200 Datasheet HTML 72Page - NXP Semiconductors MMPF0200 Datasheet HTML 73Page - NXP Semiconductors MMPF0200 Datasheet HTML 74Page - NXP Semiconductors MMPF0200 Datasheet HTML 75Page - NXP Semiconductors MMPF0200 Datasheet HTML 76Page - NXP Semiconductors MMPF0200 Datasheet HTML 77Page - NXP Semiconductors MMPF0200 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 115 page
background image
74
NXP Semiconductors
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
VGEN5
VGEN4 AC and transient (continued)
VGEN4LITR
Transient Line Response
IGEN4 = 262.5 mA
VIN2INITIAL = 2.8 V to VIN2FINAL = 3.3 V for
VGEN4[3:0] = 0000 to 0111
VIN2INITIAL = VGEN4+0.3 V to VIN2FINAL = VGEN4+0.8 V for
VGEN4[3:0] = 1000 to 1010
VIN2INITIAL = VGEN4+0.25 V to VIN2FINAL = 3.6 V for
VGEN4[3:0] = 1011 to 1111
Refer to Figure 20
–5.0
8.0
mV
Notes
61.
When the LDO Output voltage is set above 2.6 V the minimum allowed input voltage need to be at least the output voltage plus 0.25 V for proper
regulation due to the dropout voltage generated through the internal LDO transistor.
62.
The PSRR of the regulators is measured with the perturbing signal at the input of the regulator. The power management IC is supplied separately
from the input of the regulator and does not contain the perturbed signal. During measurements, care must be taken not to operate in the dropout
region of the regulator under test. VIN2MIN refers to the minimum allowed input voltage for a particular output voltage.
Table 90. VGEN5 electrical characteristics
All parameters are specified at Consumer TA = -40 to 85 °C and Extended Industrial TA = -40 to 105 °C, VIN = 3.6 V, VIN3 = 3.6 V,
VGEN5[3:0] = 1111, IGEN5 = 10 mA, typical external component values, unless otherwise noted. Typical values are characterized at
VIN = 3.6 V, VIN3 = 3.6 V, VGEN5[3:0] = 1111, IGEN5 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
VGEN5
VIN3
Operating Input Voltage
1.8 V
≤ VGEN5NOM ≤ 2.5 V
2.6 V
≤ VGEN5NOM ≤ 3.3 V
2.8
VGEN5NO
M+ 0.250
–
–
4.5
4.5
V
(63)
VGEN5NOM
Nominal Output Voltage
–
Table 77
–V
IGEN5
Operating Load Current
0.0
–
100
mA
VGEN5 active mode – DC
VGEN5TOL
Output Voltage Tolerance
VIN3MIN < VIN3 < 4.5 V
0.0 mA < IGEN5 < 100 mA
VGEN5[3:0] = 0000 to 1111
-3.0
–
3.0
%
VGEN5LOR
Load Regulation
(VGEN5 at IGEN5 = 100 mA) - (VGEN5 at IGEN5 = 0.0 mA)
For any VIN3MIN < VIN3 < 4.5 mV
–0.10–
mV/mA
VGEN5LIR
Line Regulation
(VGEN5 at VIN3 = 4.5 V) - (VGEN5 at VIN3MIN)
For any 0.0 mA < IGEN5 < 100 mA
–0.50–
mV/mA
IGEN5LIM
Current Limit
IGEN5 when VGEN5 is forced to VGEN5NOM/2
122
167
200
mA
IGEN5OCP
Overcurrent Protection threshold
IGEN5 required to cause the SCP function to disable LDO when
REGSCPEN = 1
120
–
200
mA
Table 89. VGEN4 electrical characteristics (continued)
All parameters are specified at Consumer TA = -40 to 85 °C and Extended Industrial TA = -40 to 105 °C, VIN = 3.6 V, VIN2 = 3.6 V,
VGEN4[3:0] = 1111, IGEN4 = 10 mA, typical external component values, unless otherwise noted. Typical values are characterized at
VIN = 3.6 V, VIN2 = 3.6 V, VGEN4[3:0] = 1111, IGEN4 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com