Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0200 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 8Page - NXP Semiconductors MMPF0200 Datasheet HTML 9Page - NXP Semiconductors MMPF0200 Datasheet HTML 10Page - NXP Semiconductors MMPF0200 Datasheet HTML 11Page - NXP Semiconductors MMPF0200 Datasheet HTML 12Page - NXP Semiconductors MMPF0200 Datasheet HTML 13Page - NXP Semiconductors MMPF0200 Datasheet HTML 14Page - NXP Semiconductors MMPF0200 Datasheet HTML 15Page - NXP Semiconductors MMPF0200 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 115 page
background image
12
NXP Semiconductors
PF0200
GENERAL PRODUCT CHARACTERISTICS
4.3.2
Current consumption
Table 7. Current consumption summary
Consumer TA = -40 to 85 °C and Extended Industrial TA = -40 to 105 °C, VIN = 3.6 V, VDDIO = 1.7 to 3.6 V, LICELL = 1.8 to 3.3 V, VSNVS
= 3.0 V, typical external component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VDDIO = 3.3 V,
LICELL = 3.0 V, VSNVS = 3.0 V and 25 °C, unless otherwise noted.
Mode
PF0200 conditions
System Conditions
Typ.
Max.
Unit
Coin Cell
(15),(16),(19)
VSNVS from LICELL
All other blocks off
VIN = 0.0 V
VSNVSVOLT[2:0] = 110
No load on VSNVS
4.0
7.0
μA
Off (15)(17)
VSNVS from VIN or LICELL
Wake-up from PWRON active
32 k RC on
All other blocks off
VIN
≥ UVDET
No load on VSNVS, PMIC able to wake-up
17
25
μA
Sleep (18)
VSNVS from VIN
Wake-up from PWRON active
Trimmed reference active
SW3A/B PFM
Trimmed 16 MHz RC off
32 k RC on
VREFDDR disabled
No load on VSNVS. DDR memories in self refresh
122
122
220(20)
250(21)
μA
Standby (18)
VSNVS from either VIN or LICELL
SW1A/B combined in PFM
SW2 in PFM
SW3A/B combined in PFM
SWBST off
Trimmed 16 MHz RC enabled
Trimmed reference active
VGEN1-6 enabled
VREFDDR enabled
No load on VSNVS. Processor enabled in low power
mode. All rails powered on except boost (load = 0 mA)
270
270
430(20)
525(21)
μA
Notes
15.
At 25 °C only.
16.
Refer to Figure 4 for Coin Cell mode characteristics over temperature.
17.
When VIN is below the UVDET threshold, in the range of 1.8 V
≤ VIN < 2.65 V, the quiescent current increases by 50 μA, typically.
18.
For PFM operation, headroom should be 300 mV or greater.
19.
Additional current may be drawn in the coin cell mode when RESETBMCU is pulled up to VSNVS due an internal path from RESETBMCU to VIN.
The additional current is <30
μA with a pull up resistor of 100 kΩ. The i.MX 6 processors have an internal pull-up from the POR_B pin to the
VDD_SNVS_IN pin. If additional current in the coin cell mode is not desired for i.MX6 applications, use an external switch to disconnect the
RESETBMCU path when VIN is removed. Pull-up RESETBMCU to a rail that is off in the coin cell mode, for non-i.MX 6 applications.
20.
From -40 to 85 °C, Applicable to Consumer and Extended Industrial part numbers
21.
From -40 to 105 °C, Applicable only to Extended Industrial parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com