Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0200 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 66Page - NXP Semiconductors MMPF0200 Datasheet HTML 67Page - NXP Semiconductors MMPF0200 Datasheet HTML 68Page - NXP Semiconductors MMPF0200 Datasheet HTML 69Page - NXP Semiconductors MMPF0200 Datasheet HTML 70Page - NXP Semiconductors MMPF0200 Datasheet HTML 71Page - NXP Semiconductors MMPF0200 Datasheet HTML 72Page - NXP Semiconductors MMPF0200 Datasheet HTML 73Page - NXP Semiconductors MMPF0200 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 115 page
background image
70
NXP Semiconductors
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
VGEN2 AC and transient (continued)
GEN2OSHT
Start-up Overshoot
VIN1 = 1.75 V, 3.4 V, IGEN2 = 0.0 mA
–1.0
2.0
%
VGEN2LOTR
Transient Load Response
VIN1 = 1.75 V, 3.4 V
IGEN2 = 25 to 250 mA in 1.0 μs
Peak of overshoot or undershoot of VGEN2 with respect to final
value
Refer to Figure 20
––
3.0
%
VGEN2LITR
Transient Line Response
IGEN2 = 187.5 mA
VIN1INITIAL = 1.75 V to VIN1FINAL = 2.25 V for
VGEN2[3:0] = 0000 to 1101
VIN1INITIAL = VGEN2+0.3 V to VIN1FINAL = VGEN2+0.8 V for
VGEN2[3:0] = 1110, 1111
Refer to Figure 20
–5.0
8.0
mV
Notes
58.
The PSRR of the regulators is measured with the perturbing signal at the input of the regulator. The power management IC is supplied separately
from the input of the regulator and does not contain the perturbed signal. During measurements, care must be taken not to operate in the dropout
region of the regulator under test.
Table 87. VGEN2 electrical characteristics (continued)
All parameters are specified at Consumer TA = -40 to 85 °C and Extended Industrial TA = -40 to 105 °C, VIN = 3.6 V, VIN1 = 3.0 V,
VGEN2[3:0] = 1111, IGEN2 = 10 mA, typical external component values, unless otherwise noted. Typical values are characterized at VIN =
3.6V, VIN1 = 3.0 V, VGEN2[3:0] = 1111, IGEN2 = 10mA and 25°C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com