Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0200 Datasheet(PDF) 102 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 98Page - NXP Semiconductors MMPF0200 Datasheet HTML 99Page - NXP Semiconductors MMPF0200 Datasheet HTML 100Page - NXP Semiconductors MMPF0200 Datasheet HTML 101Page - NXP Semiconductors MMPF0200 Datasheet HTML 102Page - NXP Semiconductors MMPF0200 Datasheet HTML 103Page - NXP Semiconductors MMPF0200 Datasheet HTML 104Page - NXP Semiconductors MMPF0200 Datasheet HTML 105Page - NXP Semiconductors MMPF0200 Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 115 page
background image
102
NXP Semiconductors
PF0200
TYPICAL APPLICATIONS
7.2
PF0200 layout guidelines
7.2.1
General board recommendations
1. It is recommended to use an eight layer board stack-up arranged as follows:
• High current signal
•GND
• Signal
• Power
• Power
• Signal
•GND
• High current signal
2. Allocate TOP and BOTTOM PCB Layers for POWER ROUTING (high-current signals), copper-pour the unused area.
3. Use internal layers sandwiched between two GND planes for the SIGNAL routing.
7.2.2
Component placement
It is desirable to keep all component related to the power stage as close to the PMIC as possible, specially decoupling input and output
capacitors.
7.2.3
General routing requirements
1. Some recommended things to keep in mind for manufacturability:
•
Via in pads require a 4.5 mil minimum annular ring. Pad must be 9.0 mils larger than the hole
•
Maximum copper thickness for lines less than 5.0 mils wide is 0.6 oz copper
•
Minimum allowed spacing between line and hole pad is 3.5 mils
•
Minimum allowed spacing between line and line is 3.0 mils
Internal references, VCOREDIG, VCOREREF, VCORE
1.0
μF
1
10 V X5R 0402
CC0402KRX5R6BB105
Yageo America
VCOREDIG
1.0
μF
1
10 V X5R 0402
CC0402KRX5R6BB105
Yageo America
VCORE
0.22
μF
1
10 V X5R 0402
GRM155R61A224KE19D
Murata
VCOREREF
Coin cell
0.1
μF
1
10 V X5R 0402
C0402C104K8PAC
Kemet
LICELL
Miscellaneous
0.1
μF
1
10 V X5R 0402
C0402C104K8PAC
Kemet
VDDIO
1.0
μF
1
10 V X5R 0402
CC0402KRX5R6BB105
Yageo America
VIN
100 k
Ω
1
1/16 W 0402
RK73H1ETTP1003F
KOA SPEER
PWRON
100 k
Ω
1
1/16 W 0402
RK73H1ETTP1003F
KOA SPEER
RESETBMCU
100 k
Ω
1
1/16 W 0402
RK73H1ETTP1003F
KOA SPEER
SDWN
100 k
Ω
1
1/16 W 0402
RK73H1ETTP1003F
KOA SPEER
INTB
Notes
78.
NXP does not assume liability, endorse, or warrant components from external manufacturers that are referenced in circuit drawings or tables.
While NXP offers component recommendations in this configuration, it is the customer’s responsibility to validate their application.
Table 123. Bill of materials (78) (continued)
Value
Qty
Description
Part#
Manufacturer
Component/pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com