Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0200 Datasheet(PDF) 114 Page - NXP Semiconductors

Part # MMPF0200
Description  12 channel configurable power management integrated circuit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200 Datasheet(HTML) 114 Page - NXP Semiconductors

Back Button MMPF0200 Datasheet HTML 107Page - NXP Semiconductors MMPF0200 Datasheet HTML 108Page - NXP Semiconductors MMPF0200 Datasheet HTML 109Page - NXP Semiconductors MMPF0200 Datasheet HTML 110Page - NXP Semiconductors MMPF0200 Datasheet HTML 111Page - NXP Semiconductors MMPF0200 Datasheet HTML 112Page - NXP Semiconductors MMPF0200 Datasheet HTML 113Page - NXP Semiconductors MMPF0200 Datasheet HTML 114Page - NXP Semiconductors MMPF0200 Datasheet HTML 115Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 114 / 115 page
background image
114
NXP Semiconductors
PF0200
REVISION HISTORY
9
Revision History
Revision
Date
Description of changes
3.0
2/2014
• Initial release
4.0
5/2014
• Corrected VDDOTP maximum rating
• Corrected SWBSTFB maximum rating
• Added note to clarify SWBST default operation in Auto mode
• Changed VSNVS current limit
• Noted that voltage settings 0.6 V and below are not supported
• VSNVS Turn On Delay (tD1) spec corrected from 15 ms to 5.0 ms
5.0
7/2014
• Updated VTL1, VTH1 and VSNVSCROSS threshold specifications
• Updated per GPCN 16369
6.0
3/2015
• Added new part number MMPF0200F6AEP to the Orderable Parts table
• Added alternative capacitors in Bill of Materials
8/2016
• Updated to NXP document form and style
7.0
7/2019
• Updated 98ASA00405D drawing as per PCN 201906034F01
• Changed document status from Advance Information to Technical Data
8.0
4/2022
• Added 98ASA00405D optional bottom view page for E-type package as per CIN 202204010I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com