Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XGS Datasheet(PDF) 41 Page - ON Semiconductor

Part # XGS
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS Datasheet(HTML) 41 Page - ON Semiconductor

Back Button XGS Datasheet HTML 37Page - ON Semiconductor XGS Datasheet HTML 38Page - ON Semiconductor XGS Datasheet HTML 39Page - ON Semiconductor XGS Datasheet HTML 40Page - ON Semiconductor XGS Datasheet HTML 41Page - ON Semiconductor XGS Datasheet HTML 42Page - ON Semiconductor XGS Datasheet HTML 43Page - ON Semiconductor XGS Datasheet HTML 44Page - ON Semiconductor XGS Datasheet HTML 45Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
XGS Family
www.onsemi.com
41
Table 19. OPERATING CURRENT CONSUMPTION (XGS 12000−X1)
(VAA_PIX = VAA_PIX_BST = VAA_RD = 3.0 V; VAA = VDD_PLL = 2.8 V; VDD_IO = 1.8 V; VDD = 1.2 V; VDD_SLVS = 0.4 V / 1.2 V;
TA = 25°C)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IDD
Digital Operating Current
90 fps @ 4096 x 3072 Resolution
−
180
240
mA
IDD_IO
I/O Digital Operating Current
90 fps @ 4096 x 3072 Resolution
−
5
10
mA
IAA
Analog Operating Current
90 fps @ 4096 x 3072 Resolution
−
140
180
mA
IAA_PIX
Pixel Supply Current
90 fps @ 4096 x 3072 Resolution
−
25
40
mA
IAA_PIX_BST
Pixel Booster Supply Current
90 fps @ 4096 x 3072 Resolution
−
15
35
mA
IAA_RD
Row Driver Supply Current
90 fps @ 4096 x 3072 Resolution
−
0
10
mA
IDD_SLVS
HiSPi Supply Current
90 fps @ 4096 x 3072 Resolution −
VDD_SLVS = 0.4 / 1.2 V
−
65 / 120 85 / 150
mA
IDD_PLL
PLL Supply Current
90 fps @ 4096 x 3072 Resolution
−
10
20
mA
Table 20. OPERATING CURRENT CONSUMPTION (XGS 12000−X3)
(VAA_PIX = VAA_PIX_BST = VAA_RD = 3.0 V; VAA = VDD_PLL = 2.8 V; VDD_IO = 1.8 V; VDD = 1.2 V; VDD_SLVS = 0.4 V / 1.2 V;
TA = 25°C)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IDD
Digital Operating Current
28 fps @ 4096 x 3072 Resolution
−
125
240
mA
IDD_IO
I/O Digital Operating Current
28 fps @ 4096 x 3072 Resolution
−
5
10
mA
IAA
Analog Operating Current
28 fps @ 4096 x 3072 Resolution
−
65
180
mA
IAA_PIX
Pixel Supply Current
28 fps @ 4096 x 3072 Resolution
−
10
40
mA
IAA_PIX_BST
Pixel Booster Supply Current
28 fps @ 4096 x 3072 Resolution
−
20
35
mA
IAA_RD
Row Driver Supply Current
28 fps @ 4096 x 3072 Resolution
−
0
10
mA
IDD_SLVS
HiSPi Supply Current
28 fps @ 4096 x 3072 Resolution −
VDD_SLVS = 0.4 / 1.2 V
−
60 / 115 85 / 150
mA
IDD_PLL
PLL Supply Current
28 fps @ 4096 x 3072 Resolution
−
10
20
mA
Table 21. OPERATING CURRENT CONSUMPTION (XGS 9400−X1)
(VAA_PIX = VAA_PIX_BST = VAA_RD = 3.0 V; VAA = VDD_PLL = 2.8 V; VDD_IO = 1.8 V; VDD = 1.2 V; VDD_SLVS = 0.4 V / 1.2 V;
TA = 25ºC)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IDD
Digital Operating Current
90 fps @ 3072 x 3072 Resolution
−
180
240
mA
IDD_IO
I/O Digital Operating Current
90 fps @ 3072 x 3072 Resolution
−
5
10
mA
IAA
Analog Operating Current
90 fps @ 3072 x 3072 Resolution
−
140
180
mA
IAA_PIX
Pixel Supply Current
90 fps @ 3072 x 3072 Resolution
−
25
40
mA
IAA_PIX_BST
Pixel Booster Supply Current
90 fps @ 3072 x 3072 Resolution
−
15
35
mA
IAA_RD
Row Driver Supply Current
90 fps @ 3072 x 3072 Resolution
−
0
10
mA
IDD_SLVS
HiSPi Supply Current
90 fps @ 3072 x 3072 Resolution
(VDD_SLVS = 0.4 / 1.2 V)
−
65 / 120 85 / 150
mA
IDD_PLL
PLL Supply Current
90 fps @ 3072 x 3072 Resolution
−
10
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com