Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XGS Datasheet(PDF) 26 Page - ON Semiconductor

Part # XGS
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS Datasheet(HTML) 26 Page - ON Semiconductor

Back Button XGS Datasheet HTML 22Page - ON Semiconductor XGS Datasheet HTML 23Page - ON Semiconductor XGS Datasheet HTML 24Page - ON Semiconductor XGS Datasheet HTML 25Page - ON Semiconductor XGS Datasheet HTML 26Page - ON Semiconductor XGS Datasheet HTML 27Page - ON Semiconductor XGS Datasheet HTML 28Page - ON Semiconductor XGS Datasheet HTML 29Page - ON Semiconductor XGS Datasheet HTML 30Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
XGS Family
www.onsemi.com
26
READOUT MODES
By default, the readout of the pixel array does not require
any user interaction. The sequencer initiates the readout as
soon as integration ends and the entire readout is done
autonomously. This is the default readout mode.
Optionally, the frame readout can be controlled
externally. This requires configuring the TRIG_RD input as
a frame or line trigger. Table 11 below lists the parameters
that control the triggered readout operation.
Table 11. TRIGGERED READOUT PARAMETERS
Register Name
Description
frame_trigger_en
Start the frame readout upon assertion of TRIG_RD when enabled.
This configuration has priority over line_trigger_en.
frame_trigger_mode
Only valid for frame triggered readout modes.
‘0’: Regular frame triggered mode: The sensor starts the readout of one frame upon a rising trigger
edge
‘1’: The sequencer continues frame grabbing as long as the trigger is asserted.
line_trigger_en
Start the readout of one line upon assertion of TRIG_RD when enabled. Only one line is read out for
each trigger assertion.
Note that contexts_reg.frames determines how many
frames can be read out. This implies that the sequencer will
not accept any new trigger once the number of
contexts_reg.frames have been read out. If this is not
desired, frames should be configured to 0.
FRAME TRIGGERED READOUT
Figure 21. Frame Triggered Readout Mode
Idle
Integrating
Idle
Integrating
Readout
EFOT
EFOT
EFOT
Frame N
Frame N + 1
Exposure State
TRIG_INT
TRIG_RD
(No effect on falling edge
)
SFOT
EFOT
Reset
EFOT
SFOT
EFOT
Reset
integration length
integration length
= Start of New Line
= Readout
XGS 12000 supports two frame triggered readout options,
configurable in the frame_trigger_mode register (refer to
Table 11).
frame_trigger_mode = 0
In a global shutter mode, the integration is ended by the
EFOT. In a non−triggered readout mode, the readout is
initiated automatically after the EFOT operations. In frame
triggered mode, the Sequencer will not start the readout, but
instead it waits until the frame−trigger gets asserted. Once
an event (rising of falling depending on the configured
polarity) is detected the readout starts and the image is read
out line after line.
Note that the trigger assertion is latched and served at the
first coming internal new line reference (internal time base).
As a consequence one may observe a trigger latency up to a
line time.
Frame triggered readout can be combined with triggered
integration modes.
frame_trigger_mode = 1
In this mode, the trigger acts as an external sequencer
enable signal. An event (rising or falling depending on the
configured polarity) starts the frame readout. After this first
frame, the sequencer continues running, cycling through the
active contexts, if more than one context is enabled. The end
condition
depends
on
the
value
given
in
contexts_reg.frames:
• contexts_reg.frames > 0: The Sequencer continues
running and reads out the given amount of frames, after
which it returns to the WAIT_ON_TRIGGER state.
After the readout, the sequencer is waiting for another
trigger, after which a new sequence is initiated. Note
that a new batch of frames shall be read out in case the
trigger is asserted at the end of the previous batch.
• contexts_reg.frames = 0: The Sequencer continues
running as long as the TRIG_RD is asserted. Once the
trigger is deasserted, the Sequencer returns to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com