Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XGS Datasheet(PDF) 11 Page - ON Semiconductor

Part # XGS
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS Datasheet(HTML) 11 Page - ON Semiconductor

Back Button XGS Datasheet HTML 7Page - ON Semiconductor XGS Datasheet HTML 8Page - ON Semiconductor XGS Datasheet HTML 9Page - ON Semiconductor XGS Datasheet HTML 10Page - ON Semiconductor XGS Datasheet HTML 11Page - ON Semiconductor XGS Datasheet HTML 12Page - ON Semiconductor XGS Datasheet HTML 13Page - ON Semiconductor XGS Datasheet HTML 14Page - ON Semiconductor XGS Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
XGS Family
www.onsemi.com
11
Figure 8. Typical Configuration (Four−Wire Serial Interface)
C2
C1
VAA
C2
C1
VAA_PIX
C2
C1
VAA_RD
C2
C1
VAA_PIX
_BST
C2
C1
VDD_IO
C2
C1
VDD
C2
C1
VDD_SLVS
C2
C1
VDD_PLL
XGS 12000
XGS 9400
XGS 8000
FWSI_EN
32.4 MHz
EXTCLK
SDATA
SCLK
CS_N
RESET_N
TRIG_INT
TRIG_RD
C3
C3
C3
C3
C3
C3
C4
C4
C4
C4
C4
C4
C5
C5
D_CLK_[2,3]_P
D_CLK_[2,3]_N
DATA_[0:23]_P
DATA_[0:23]_N
MONITOR_0
MONITOR_1
MONITOR_2
SDATAOUT
Digital I/O
(2.8 V)
Digital Core
(1.2 V)
HiSPi
(1.2 V)
PLL
(2.8 V)
Analog
(2.8 V)
Analog (Pixel)
(3.0 V)
RESERVED
100
W
100
W
N.C.
10k
W
1. All power supplies must be adequately decoupled (see Table 4) Decoupling.
2. In this example, only 2 (out of 6) HiSPi clock lanes are used; D_CLK_2 to sample data on the even data lanes (top readout) and
D_CLK_3 to sample data on the odd data lanes (bottom readout).
3. The active HiSPi lanes need to be terminated using 100 W resistors placed as close to the receiver as possible.
4. Unused HiSPi outputs (data and/or clock lanes) must be left floating.
5. It is highly recommended to route the monitor signals to the receiver (FPGA) for debugging purposes. If the MONITOR outputs
are not used, they must be left floating.
6. If the TRIGGER inputs are not used, tie them to GND.
7. No distinction is made between analog and digital ground (internally shorted).
8. FWSI_EN must be connected to VDD_IO through a 10 kW resistor (enable Four−Wire Serial Interface).
9. I/O signals voltage must be configured to match VDD_IO voltage to minimize any leakage currents.
10. Digital inputs RESET_N and CS_N are both active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com