Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XGS Datasheet(PDF) 36 Page - ON Semiconductor

Part # XGS
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS Datasheet(HTML) 36 Page - ON Semiconductor

Back Button XGS Datasheet HTML 32Page - ON Semiconductor XGS Datasheet HTML 33Page - ON Semiconductor XGS Datasheet HTML 34Page - ON Semiconductor XGS Datasheet HTML 35Page - ON Semiconductor XGS Datasheet HTML 36Page - ON Semiconductor XGS Datasheet HTML 37Page - ON Semiconductor XGS Datasheet HTML 38Page - ON Semiconductor XGS Datasheet HTML 39Page - ON Semiconductor XGS Datasheet HTML 40Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
XGS Family
www.onsemi.com
36
FOUR−WIRE SERIAL INTERFACE
The sensor’s configuration registers are accessible
through a Four−Wire or Serial Peripheral Interface (SPI).
The SPI is a full−duplex, synchronous interface and uses
four wires:
• CS_N: Chip Select (active low)
• SCLK: Serial Input Clock
• SDATA: Serial Data Input
• SDATAOUT: Serial Data Output
The SPI interface uses a master−slave setup in which the
sensor is the slave. Every read or write access is initiated by
the master by pulling down the CS_N line. The master then
sends a 15−bit register address followed by a single
read/write bit. If the read/write bit is set to 1, the slave reads
the 16−bit data stored at the specified register address and
returns it to the master over the SDATAOUT line. A single SPI
read operation is shown in Figure 45. In case the read/write
bit is set to ‘0’, the master sends another 16 bits of data for
the slave to write to the previously specified register address.
A single SPI write transaction is depicted in Figure 46.
Both address and register data is sent serially and
synchronous to the SCLK. A single SPI transaction consists
of 32 bits. In order to speed up the SPI communication, a
32 sequential read and write is possible. The sequential
register access is illustrated in Figure 47 and 48.
Figure 45. Single SPI Read
Figure 46. SPI Single Write
Figure 47. SPI Sequential Read
Figure 48. SPI Sequential Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com