Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XGS Datasheet(PDF) 10 Page - ON Semiconductor

Part # XGS
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS Datasheet(HTML) 10 Page - ON Semiconductor

Back Button XGS Datasheet HTML 6Page - ON Semiconductor XGS Datasheet HTML 7Page - ON Semiconductor XGS Datasheet HTML 8Page - ON Semiconductor XGS Datasheet HTML 9Page - ON Semiconductor XGS Datasheet HTML 10Page - ON Semiconductor XGS Datasheet HTML 11Page - ON Semiconductor XGS Datasheet HTML 12Page - ON Semiconductor XGS Datasheet HTML 13Page - ON Semiconductor XGS Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
XGS Family
www.onsemi.com
10
CONFIGURATION AND PINOUT
TYPICAL CONFIGURATIONS
Two possible configuration examples are depicted in the
figures below. The first example (Figure 8) uses the
Four−Wire Serial Interface while the second example
(Figure 9) depicts a typical Two−Wire Serial Interface
implementation. Pin connections to (and from) the sensor
and power supply configurations are shown in the figures
below. The recommended decoupling capacitors are listed
in Table 4.
Configuration Example:
• VDD_SLVS = 1.2 V (or 0.4 V); VDD = 1.2 V; VDD_IO
= 2.8 V (or 1.8 V); VDD_PLL = 2.8 V;
• VAA = 2.8 V; VAA_PIX = 3.0 V; VAA_RD = 3.0 V;
VAA_PIX_BST = 3.0 V
• 24 data lanes + 2 clock lanes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com